Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWH1032N Datasheet(PDF) 9 Page - LUXPIA

Part # LWH1032N
Description  Specification for Approval
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWH1032N Datasheet(HTML) 9 Page - LUXPIA

Back Button LWH1032N Datasheet HTML 5Page - LUXPIA LWH1032N Datasheet HTML 6Page - LUXPIA LWH1032N Datasheet HTML 7Page - LUXPIA LWH1032N Datasheet HTML 8Page - LUXPIA LWH1032N Datasheet HTML 9Page - LUXPIA LWH1032N Datasheet HTML 10Page - LUXPIA LWH1032N Datasheet HTML 11Page - LUXPIA LWH1032N Datasheet HTML 12Page - LUXPIA LWH1032N Datasheet HTML 13Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
8/20
(Ver 1.0)
5) The allowance of color coordinates measurement is within ±0.01. (CIE1931 standard colorimetric system)
( Ta=25℃, IF=40mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com