Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC24FJ128GA
Description  PIC24FJ256GA110 Family Data Sheet
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA Datasheet(HTML) 4 Page - Microchip Technology

  PIC24FJ128GA Datasheet HTML 1Page - Microchip Technology PIC24FJ128GA Datasheet HTML 2Page - Microchip Technology PIC24FJ128GA Datasheet HTML 3Page - Microchip Technology PIC24FJ128GA Datasheet HTML 4Page - Microchip Technology PIC24FJ128GA Datasheet HTML 5Page - Microchip Technology PIC24FJ128GA Datasheet HTML 6Page - Microchip Technology PIC24FJ128GA Datasheet HTML 7Page - Microchip Technology PIC24FJ128GA Datasheet HTML 8Page - Microchip Technology PIC24FJ128GA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 4
 2010 Microchip Technology Inc.
Special Microcontroller Features:
• Operating Voltage Range of 2.0V to 3.6V
• Self-Reprogrammable under Software Control
• 5.5V Tolerant Input (digital pins only)
• Configurable Open-Drain Outputs on Digital I/O
• High-Current Sink/Source (18 mA/18 mA) on all I/O
• Selectable Power Management modes:
- Sleep, Idle and Doze modes with fast wake-up
• Fail-Safe Clock Monitor Operation:
- Detects clock failure and switches to on-chip
FRC oscillator
• On-Chip LDO Regulator
• Power-on Reset (POR), Power-up Timer (PWRT),
Low-Voltage Detect (LVD) and Oscillator Start-up Timer
(OST)
• Flexible Watchdog Timer (WDT) with On-Chip
Low-Power RC Oscillator for Reliable Operation
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Debug (ICD) via 2 Pins
• JTAG Boundary Scan Support
• Brown-out Reset (BOR)
• Flash Program Memory:
- 10,000 erase/write cycle endurance (minimum)
- 20-year data retention minimum
- Selectable write protection boundary
- Write protection option for Flash Configuration
Words
Pin Diagram (64-Pin TQFP and QFN(1))
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
44
PIC24FJ128GA106
1
46
45
43
42
41
40
39
SOSCI/C3IND/CN1/RC13
RP11
/CN49/RD0
RP3
/CN55/PMCS2/RD10
RP4
/CN54/RD9
RTCC/RP2/CN53/RD8
RP12
/CN56/PMCS1/RD11
OSCO/CLKO/CN22/RC15
OSCI/CLKI/CN23/RC12
VDD
SCL1/CN83/RG2
ASCK1/RPI45/INT0/CN72/RF6
RP30
/CN70/RF2
RP16
/CN71/RF3
SDA1/CN84/RG3
SOSCO/C3INC/RPI37/T1CK/CN0/RC14
CN63/PMD5/RE5
SCL3/CN64/PMD6/RE6
SDA3/CN65/PMD7/RE7
PMA5/RP21/C1IND/CN8/RG6
VDD
PGEC3/AN5/C1INA/RP18/CN7/RB5
PGED3/AN4/C1INB/RP28/CN6/RB4
AN3/C2INA/CN5/RB3
AN2/C2INB/RP13/CN4/RB2
C1INC/RP26/CN9/PMA4/RG7
C2IND/RP19/CN10/PMA3/RG8
PGEC1/AN1/VREF-/RP1/CN3/RB1
C2INC/RP27/CN11/PMA2/RG9
MCLR
VSS
VSS
38
37
34
36
35
33
PGED1/AN0/VREF+/RP0/CN2/PMA6/RB0
Legend:
Shaded pins
indicate pins tolerant to up to +5.5 VDC.
RPn
represents remappable pins for Peripheral Pin Select (PPS) feature.
Note
1:
For QFN devices, the backplane on the underside of the device must also be connected to VSS.
PIC24FJ192GA106
PIC24FJ256GA106
PIC24FJ64GA106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com