Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC226 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PPC226
Description  Double Sided Adhesive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PPC226 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PPC226 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KS-2438D
Double Sided Adhesive
Page <1>
13/10/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2011.
Description
Part Number
Tape, Kapton, Brown, 6 mm × 33 M
PPC226
Tape, Kapton, Brown, 9 mm × 33 M
PPC227
Tape, Kapton, Brown, 12 mm × 33 M
PPC228
Tape, Kapton, Brown, 19 mm × 33 M
PPC229
Tape, Kapton, Brown, 25 mm × 33 M
PPC230
Part Number Table
Description:
Construction : Release film, premier, adhesive, substrate material
Premier coating, adhesive : American dow corning silicone adhesive
Substrate material : Polyimide
Feature : Pressure-sensitive adhesive, no remaining adhesive, antistatic, heat-resist,
anti corrosion
Specification Table
No.
Item
Unit
Specification
1
Release Film Thickness
mm
0.05 ±0.002
2
Substrate Material Thick
mm
0.025 ±0.002
3
Total Thickness
mm
0.15 ±0.008
4
Adhesion
Work Side N / 25 mm
5.8 - 7.6
Adhesive Side N / 25 mm
6.5 - 8.3
6
Continuous Strength
H
≥ 24
7
Tensile Strength
N / 25 mm
≥ 85
8
Heat - Resist
°C / 5 min
280
9
Length
M
33
10
Width
mm
3 - 500
11
Colour
-
Brown
12
Storage, Handling
Storage must be in a dry, non-corrosive and shine environment
13
Shelf Life
Shelf life is 2 years from data of manufacture


Similar Part No. - PPC226

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PPC220 ETC-PPC220 Datasheet
534Kb / 1P
Invertor
13/10/11 V1.1
PPC221 ETC1-PPC221 Datasheet
533Kb / 1P
Construction : Substrate material, primer, adhesive
PPC222 ETC1-PPC222 Datasheet
533Kb / 1P
Construction : Substrate material, primer, adhesive
PPC223 ETC1-PPC223 Datasheet
533Kb / 1P
Construction : Substrate material, primer, adhesive
PPC224 ETC1-PPC224 Datasheet
533Kb / 1P
Construction : Substrate material, primer, adhesive
More results

Similar Description - PPC226

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
DSC WELWYN-DSC Datasheet
151Kb / 5P
Double-Sided Chip Resistors
logo
List of Unclassifed Man...
DSC2512 ETC2-DSC2512 Datasheet
493Kb / 5P
Double-Sided Chip Resistors
logo
KODENSHI_AUK CORP.
SG214B KODENSHI-SG214B Datasheet
286Kb / 2P
Double-sided Screw-mount
SG255 KODENSHI-SG255 Datasheet
269Kb / 2P
Double-sided
logo
Taoglas antenna solutio...
ISA.05.A.033822 TAOGLAS-ISA.05.A.033822 Datasheet
1Mb / 15P
Double-Sided 3M Adhesive Mounted Antenna
logo
TT Electronics.
DSC TTELEC-DSC Datasheet
739Kb / 4P
Double-Sided Chip Resistors
logo
Hubbell Incorporated.
BIBD45 HUBBELL-BIBD45 Datasheet
261Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD46FX HUBBELL-BIBD46FX Datasheet
261Kb / 2P
MULTI-PORT Double-Sided Entry.
BIBD2010FX HUBBELL-BIBD2010FX Datasheet
258Kb / 1P
MULTI-PORT Double-Sided Entry.
logo
Bertech.
DSFT BERTECH-DSFT Datasheet
158Kb / 1P
Double Sided Foam Tape
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com