Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7992BJC Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM7992BJC
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992BJC Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM7992BJC Datasheet HTML 5Page - Advanced Micro Devices AM7992BJC Datasheet HTML 6Page - Advanced Micro Devices AM7992BJC Datasheet HTML 7Page - Advanced Micro Devices AM7992BJC Datasheet HTML 8Page - Advanced Micro Devices AM7992BJC Datasheet HTML 9Page - Advanced Micro Devices AM7992BJC Datasheet HTML 10Page - Advanced Micro Devices AM7992BJC Datasheet HTML 11Page - Advanced Micro Devices AM7992BJC Datasheet HTML 12Page - Advanced Micro Devices AM7992BJC Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Am7992B
9
last rising edge of the message to INTCARR deassert
allows the last bit to be strobed by RCLK and trans-
ferred by the LANCE without an extra bit at the end of
the message. When RENA deasserts (see Receive
Timing—End of Reception waveform diagrams), a
RENA hold-off timer inhibits RENA assertion for at
least 120 ns.
Data Decoding
The data receiver is a comparator with clocked output
to minimize noise sensitivity to the Receive
± inputs.
Input error (VIRD) is less than
±35 mV to minimize sen-
sitivity to input rise and fall time. RCLK strobes the data
receiver output at 1/4 bit time to determine the value of
the Manchester bit and clocks the data out at RX on the
following RCLK. The data receiver also generates the
signal used for phase detector comparison to the inter-
nal Am7992B V
CO.
Differential l/O Terminations
The differential input for the Manchester data
(Receive
±) is externally terminated by two 40.2-ohm
±1% resistors and one optional common-mode bypass
capacitor. The differential input impedance, Z
lDF and
the common-mode input, Z
lCM, are specified so that the
Ethernet specification for cable termination impedance
is met using standard 1% resistor terminators. The Col-
lision
± differential inputs are terminated in exactly the
same way as the receive inputs (see Figure 6).
Collision Detection
A transceiver detects collisions on the network and
generates a 10 MHz signal at the Collision
± inputs.This
collision signal passes through an input stage that de-
tects signal levels and pulse duration. When the signal
is detected by the Am7992B, it sets the CLSN line
HIGH. This condition continues for approximately
160 ns after the last LOW-to-HlGH transition on
Collision
±.
03378I-10
Notes:
1. Connect R1, R2, C1, C2 for 0 differential nontransmit. Connect to ground for logic 1 differential nontransmit.
2. Pin 20 shown for normal device operation.
3. The inclusion of C4 and C5 is necessary to reduce the common-mode loading on certain transceivers that are direct
coupled.
4. C2 reduces the amount of noise from the power supply and crosstalk from RCLK that can be coupled from TSEL through to
the transmit
± outputs.
Figure 6.
External Component Diagram
R
1
C
2
20 pF
R
2
C
1
680 pF
3 K
Ω
100 pF
100 pF
20 MHz
Parallel Mode.
Crystal 50 pF
0.005% Accuracy
V
CC
4700 pF
0.1
µF
4.7
µF
V
CC
0.1
µF
C
5
C
4
0.1
µF
A
B
40.2
Ω 1%
40.2
Ω 1%
40.2
Ω 1%
40.2
Ω 1%
510
Ω
0.1
µF
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLSN
RX
RENA
RCLK
TSEL
GND1
GND2
X1
X2
TX
TCLK
TENA
Collision+
Collision–
Receive+
Receive–
TEST
V
CC1
V
CC2
PF
RF
GND3
Transmit+
Transmit–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com