Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFG3052C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AFG3052C
Description  Arbitrary Function Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFG3052C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AFG3052C Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Arbitrary Function Generators
AFG3000C Series Datasheet
Features & Benefits
10 MHz, 25 MHz, 50 MHz, 100 MHz, or 240 MHz Sine Waveforms
14 bits, 250 MS/s, 1 GS/s, or 2 GS/s Arbitrary Waveforms
Amplitude up to 20 Vp-p into 50 Ω Loads
5.6 in. Color TFT LCD Display for Full Confidence in Settings and
Waveform Shape
Multilanguage and Intuitive Operation Saves Setup Time
Pulse Waveform with Variable Edge Times
AM,FM, PM,FSK,PWM
Sweep and Burst
Dual-channel Models Save Cost and Bench Space
USB Connector on Front Panel for Waveform Storage on Memory
Device
USB, GPIB, and LAN
LabVIEW and LabWindows/IVI-C Drivers
Applications
Electronic Test and Design
Sensor Simulation
Functional Test
Education and Training
Product Description
Unmatched performance, versatility, intuitive operation, and affordability
make the AFG3000C Series of Function, Arbitrary Waveform, and Pulse
Generators the most useful instruments in the industry.
Superior Performance and Versatility
Users can choose from 12 different standard waveforms. Arbitrary
waveforms can be generated up to 128 K in length at high sampling
rates. On pulse waveforms, leading and trailing edge time can be set
independently. External signals can be connected and added to the output
signal. Dual-channel models can generate two identical or completely
different signals. All instruments feature a highly stable time base with only
±1 ppm drift per year.
Intuitive User Interface Shows More Information at a
Single Glance
Color TFT LCD screen on all models shows all relevant waveform
parameters and graphical wave shape at a single glance. This gives full
confidence in the signal settings and lets you focus on the task at hand.
Shortcut keys provide direct access to frequently used functions and
parameters. Others can be selected conveniently through clearly structured
menus. This reduces the time needed for learning and relearning how to
use the instrument. Look and feel are identical to the world's most popular
TDS3000 Oscilloscopes.
ArbExpress™ Software Included for Creating
Waveforms with Ease
With this PC software waveforms can be seamlessly imported from any
Tektronix oscilloscope, or defined by standard functions, equation editor,
and waveform math.


Similar Part No. - AFG3052C

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
AFG3052C TEKTRONIX-AFG3052C Datasheet
718Kb / 14P
Arbitrary/Function Generators
More results

Similar Description - AFG3052C

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI5406 NI-NI5406 Datasheet
108Kb / 3P
40 and 20 MHz Arbitrary Function Generators
logo
Keysight Technologies
81150A KEYSIGHT-81150A Datasheet
3Mb / 36P
Pulse Function Arbitrary Noise Generators
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
Pulse Function Arbitrary Noise Generators
33521A KEYSIGHT-33521A Datasheet
575Kb / 12P
30 MHz Function/Arbitrary Waveform Generators
logo
List of Unclassifed Man...
4084AWG ETC2-4084AWG Datasheet
1Mb / 2P
Arbitrary/Function Generators
logo
TEKTRONIX, INC.
AFG3000C TEKTRONIX-AFG3000C Datasheet
718Kb / 14P
Arbitrary/Function Generators
AFG31000 TEKTRONIX-AFG31000 Datasheet
1Mb / 22P
Arbitrary Function Generators
logo
B&K Precision Corporati...
4050B BK-4050B Datasheet
2Mb / 5P
Dual Channel Function/Arbitrary Waveform Generators
4060B BK-4060B Datasheet
2Mb / 6P
Dual Channel Function/Arbitrary Waveform Generators
logo
List of Unclassifed Man...
UTG900E ETC-UTG900E Datasheet
323Kb / 1P
UTG900E SERIES FUNCTION/ARBITRARY WAVEFORM GENERATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com