Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF94KCW Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM53CF94KCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94KCW Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM53CF94KCW Datasheet HTML 49Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 50Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 51Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 52Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 53Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 54Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 55Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 56Page - Advanced Micro Devices AM53CF94KCW Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
P R E L I M I N A R Y
AMD
53
Am53CF94/Am53CF96
32
tPWH
ALE Pulse Width High
20
ns
33
tS
Address to ALE
Set Up Time
10
ns
34
tH
Address to ALE
Hold Time
10
ns
35
tS
ALE
to
CS
Set Up Time
10
ns
36
tPD
CS
to Data Valid Delay
65
ns
37
tS
CS
to
RD
Set Up Time
0
ns
38
tPD
RD
to Data Valid Delay
30
ns
39
tPWL
RD Pulse Width Low
30
ns
40
tH
RD
to Data Hold Time
2
ns
41
tH
RD
to
CS
Hold Time
0
ns
42
tZ
RD
to Data High Impedance
30
ns
43
tS
CS
to ALE
Set Up Time
50
ns
44
PARAMETER DOES NOT EXIST
45
PARAMETER DOES NOT EXIST
46
tPD
CS
to Data Hold Time
2
ns
47
tZ
CS
to Data High Impedance
30
ns
48
tS
CS
to
WR
Set Up Time
0
ns
49
tPWL
WR Pulse Width Low
30
ns
50
tS
Data to
WR
Set Up Time
15
ns
51
tS
WR
to ALE
Set Up Time
50
ns
52
tH
Data to
WR
Hold Time
0
ns
53
tH
WR
to
CS
Hold Time
0
ns
54
tH
CS
to Data Hold Time
30
ns
55
PARAMETER DOES NOT EXIST
56
PARAMETER DOES NOT EXIST
57
tS
Data Setup to
CS
10
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).
Register Read/Write with Multiplexed Address Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com