Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF96KCW Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # AM53CF96KCW
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF96KCW Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button AM53CF96KCW Datasheet HTML 57Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 58Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 59Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 60Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 61Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 62Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 63Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 64Page - Advanced Micro Devices AM53CF96KCW Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
P R E L I M I N A R Y
AMD
61
Am53CF94/Am53CF96
127
tPD
DACK
to DREQ
Valid Delay
30
ns
128
tPWL
DACK Pulse Width Low
70
ns
129
tS
BHE, AS0 to
DMARD
Set Up Time
20
ns
130
tS
DACK
to
DMARD
Set Up Time
0
ns
131
tPD
DMARD
to Data Valid Delay
55
ns
132
tPWH
DMARD Pulse Width High
60
ns
133
tPWL
DMARD Pulse Width Low
70
ns
134
tH
BHE, AS0 to
DMARD
Hold Time
20
ns
135
tPD
DMARD
to DREQ
Valid Delay
90
ns
136
tZ
DMARD
to Data High Impedance
45
ns
137
tH
DMARD
to Data Hold Time
2
ns
138
tPD
DACK
to DREQ
Valid Delay
30
ns
139
tPWH
DACK Pulse Width High
60
ns
140
tH
DMARD
to
DACK
Hold Time
0
ns
141
PARAMETER DOES NOT EXIST
142
tPD
DACK
to Data Valid Delay
35
ns
143
tH
DACK
to Data Hold Time
2
ns
144
tZ
DACK
to Data High Impendance
25
ns
145
tS
DACK
to
DMAWR
Set Up Time
0
ns
146
tS
BHE, AS0 to
DMAWR
Set Up Time
20
ns
147
tPWH
DMAWR Pulse Width High
60
ns
148
tPWL
DMAWR Pulse Width Low
70
ns
149
tH
BHE, AS0 to
DMAWR
Hold Time
20
ns
150
tPD
DMAWR
to DREQ
Valid Delay
90
ns
151
tH
Data to
DMAWR
Hold Time
0
ns
152
tS
Data to
DMAWR
Set Up Time
15
ns
153
tH
DMAWR
to
DACK
Hold Time
0
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Note:
There is a one-to-one relationship between every AMD and Emulex Parameter (refer to Appendix B).
Burst DMA–Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com