Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7992BJCB Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM7992BJCB
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992BJCB Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM7992BJCB Datasheet HTML 1Page - Advanced Micro Devices AM7992BJCB Datasheet HTML 2Page - Advanced Micro Devices AM7992BJCB Datasheet HTML 3Page - Advanced Micro Devices AM7992BJCB Datasheet HTML 4Page - Advanced Micro Devices AM7992BJCB Datasheet HTML 5Page - Advanced Micro Devices AM7992BJCB Datasheet HTML 6Page - Advanced Micro Devices AM7992BJCB Datasheet HTML 7Page - Advanced Micro Devices AM7992BJCB Datasheet HTML 8Page - Advanced Micro Devices AM7992BJCB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Am7992B
5
X
1, X2
Biased Crystal Oscillator (Input)
X
1 is the input and X2 is the bypass port. When con-
nected for crystal operation, the system clock that ap-
pears at TCLK is half the frequency of the crystal
oscillator. X
1 may be driven from an external source of
two times the data rate.
RF
Frequency Setting Voltage-Controlled Oscillator
(V
CO) Loop Filter (Output)
This loop filter output is a reference voltage for the re-
ceive path phase detector. It also is a reference for tim-
ing noise immunity circuits in the collision and receive
enable path. Nominal reference V
CO gain is 1.25 TCLK
frequency MHz/V.
PF
Receive Path V
CO Phase-Locked Loop Filter (Input)
This loop filter input is the control for receive path loop
damping. Frequency of the receive V
CO is internally lim-
ited to transmit frequency
±12%. Nominal receive V
CO
gain is 0.25 reference V
CO gain MHz/V.
TEST
Test Control (Input)
A static input that is connected to V
CC for Am7992B/
Am7990 operation and to ground for testing of
Receive
± path threshold and RCLK output HIGH
parameters. When TEST is grounded, RX is enabled
and RCLK is enabled except during clock acquisition,
when RCLK is HIGH.
GND1
High Current Ground
GND2
Logic Ground
GND3
Voltage-Controlled Oscillator Ground
V
CC1
High Current and Logic Supply
V
CC2
Voltage-Controlled Oscillator Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com