Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90JCTR Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79C90JCTR
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90JCTR Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79C90JCTR Datasheet HTML 6Page - Advanced Micro Devices AM79C90JCTR Datasheet HTML 7Page - Advanced Micro Devices AM79C90JCTR Datasheet HTML 8Page - Advanced Micro Devices AM79C90JCTR Datasheet HTML 9Page - Advanced Micro Devices AM79C90JCTR Datasheet HTML 10Page - Advanced Micro Devices AM79C90JCTR Datasheet HTML 11Page - Advanced Micro Devices AM79C90JCTR Datasheet HTML 12Page - Advanced Micro Devices AM79C90JCTR Datasheet HTML 13Page - Advanced Micro Devices AM79C90JCTR Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
AMD
P R E L I M I N A R Y
10
Am79C90
under “Logical Address Filter.” The second logical ad-
dress is a broadcast address where all nodes on the net-
work receive the packet. The last receive mode of
operation is referred to as “promiscuous mode” in which
a node will accept all packets on the medium regardless
of their destination address.
Collision Detection and Implementation
The Ethernet and IEEE 802.3 CSMA/CD network ac-
cess algorithms are implemented completely within the
C-LANCE. In addition to listening for a clear medium be-
fore transmitting, Ethernet handles collisions in a prede-
termined way. Should two transmitters attempt to seize
the medium at the same time, they will collide and the
data on the medium will be garbled. The transmitting
nodes listen while they transmit, detect the collision,
then continue to transmit for a predetermined length of
time to “jam” the network and ensure that all nodes have
recognized the collision. The transmitting nodes then
delay a random amount of time according to the Ether-
net “truncated binary backoff” algorithm in order that the
colliding nodes do not try to repeatedly access the net-
work at the same time. The C-LANCE also offers a se-
lectable
Modified
Backoff
Algorithm
for
better
performance on busy networks. Up to 16 attempts to ac-
cess the network are made by the C-LANCE before re-
porting an error due to excessive collisions.
Error Reporting and Diagnostics
Extensive error reporting is provided by the C-LANCE.
Error conditions reported relate either to the network as
a whole or to individual data packets. Network-related
errors are recorded as flags in the CSRs and are exam-
ined by the CPU following interrupt. Packet-related er-
rors are written into descriptor entries corresponding to
the packet.
System errors include:
Babbling Transmitter
— Transmitter attempting to transmit more than
1518 bytes, excluding preamble and start frame
delimiter
Collision
— Collision detection circuitry nonfunctional
Missed Packet
— Insufficient buffer space
Memory timeout
— Memory response failure
Packet-related errors:
CRC
— Invalid data
Framing
— Packet did not end on a byte boundary
Overflow/Underflow
— Indicates abnormal latency in servicing a DMA
request
Buffer
— Insufficient buffer space available
The C-LANCE performs several diagnostic routines
which enhance the reliability and integrity of the system.
These include a CRC check and two loop back modes
(internal/external). Errors may be introduced into the
system to check error detection logic. A Time Domain
Reflectometer is incorporated into the C-LANCE to aid
system designers in locating faults in the Ethernet physi-
cal medium. Shorts and opens manifest themselves in
reflections which are sensed by the TDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com