Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-40S Datasheet(PDF) 1 Page - CUI INC

Part # PD-40S
Description  0.2mm UNLESS OTHERWISE SPECIFIED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PD-40S Datasheet(HTML) 1 Page - CUI INC

  PD-40S Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16.00 0.630
(2 PLCS)
5.5 0.217
7.5 0.295
(4 PLCS)
5.0 0.197
(2 PLCS)
15.6 0.614
(2 PLCS)
1.7 0.067
(2 PLCS)
2.2 0.087
(2 PLCS)
5.8 0.228
14.65 0.577
(2 PLCS)
7.1 0.280
5.0 0.197
5.8 0.228
5.5 0.217
7.5 0.295
(TYP)
11.0 0.433
14.65 0.577
(TYP)
9.0 0.354
16.0 0.630
(TYP)
1
(4 PLCS)
PCB LAYOUT
0.6X2.5
TOP VIEW
(3 PLCS)
0.6X2.2
4
2
3
REV.
DESCRIPTION
DATE
A
NEW DRAWING
11/19/2008
B
update to title and tolerance
9/8/2009
Brass
TERMINALS 1-4
Tin
WITHDRAWAL FORCE: 0.5 - 6.0KG
VOLTAGE WITHSTAND: 250V AC R.M.S. FOR 1 MINUTE
Steel
B
MATERIAL
EARTH TERMINAL
HOUSING
Brass
INSERTION FORCE: 6.0KG MAX
SHIELD
RoHS
Website: www.cui.com
CONTACT RESISTANCE: 30m OHMS MAX
TOLERANCE:
SPECIFIED
PLATING
PBT
LIFE: 1,000 CYCLES
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
Tin
±0.2mm UNLESS OTHERWISE
SPECIFICATIONS:
RATING: 20V DC@ 7.5A
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Tin
PD-40S
PART NO.
ZRJ
SCALE:
WITH SHIELDING
COPYRIGHT 2008 BY CUI INC.
TITLE:
MM [INCHES]
3:1
PD-40S
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
4-PIN POWER DIN JACK, RIGHT ANGLE,
REV:
4
2
1
3
0.138
12.9 0.508
0.630
16.0
0.567
14.4
0.591
15.0
(TYP)
3.5
1.8 0.071
17.4 0.685
0.157
4.0
0.118
3.0
2.0 0.079
(TYP)


Similar Part No. - PD-40S

ManufacturerPart #DatasheetDescription
logo
CUI Devices
PD-40S CUID-PD-40S Datasheet
360Kb / 3P
POWER DIN JACK
02/18/2022
More results

Similar Description - PD-40S

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HX0060NL PULSE-HX0060NL Datasheet
321Kb / 2P
UNLESS OTHERWISE SPECIFIED
logo
List of Unclassifed Man...
24-06L-TGG ETC2-24-06L-TGG Datasheet
28Kb / 1P
UNLESS OTHERWISE SPECIFIED,
logo
Pulse A Technitrol Comp...
C2268FNL PULSE-C2268FNL Datasheet
110Kb / 1P
UNLESS OTHERWISE SPECIFIED
C2567NL PULSE-C2567NL Datasheet
179Kb / 2P
UNLESS OTHERWISE SPECIFIED
C3027NL PULSE-C3027NL Datasheet
185Kb / 2P
UNLESS OTHERWISE SPECIFIED
E2081NL PULSE-E2081NL Datasheet
267Kb / 2P
UNLESS OTHERWISE SPECIFIED
E2454FNL PULSE-E2454FNL Datasheet
275Kb / 2P
UNLESS OTHERWISE SPECIFIED
logo
TE Connectivity Ltd
C-5-1616970-9 TEC-C-5-1616970-9 Datasheet
58Kb / 1P
UNLESS OTHERWISE SPECIFIED
logo
Laird Tech Smart Techno...
CM5441Z101B-10 LSTD-CM5441Z101B-10 Datasheet
213Kb / 1P
UNLESS OTHERWISE SPECIFIED
logo
CUI INC
AMT-06C-1-036 CUI-AMT-06C-1-036 Datasheet
90Kb / 1P
UNLESS OTHERWISE SPECIFIED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com