Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LL800BT-200FIB Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM29LL800BT-200FIB
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LL800BT-200FIB Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM29LL800BT-200FIB Datasheet HTML 19Page - Advanced Micro Devices AM29LL800BT-200FIB Datasheet HTML 20Page - Advanced Micro Devices AM29LL800BT-200FIB Datasheet HTML 21Page - Advanced Micro Devices AM29LL800BT-200FIB Datasheet HTML 22Page - Advanced Micro Devices AM29LL800BT-200FIB Datasheet HTML 23Page - Advanced Micro Devices AM29LL800BT-200FIB Datasheet HTML 24Page - Advanced Micro Devices AM29LL800BT-200FIB Datasheet HTML 25Page - Advanced Micro Devices AM29LL800BT-200FIB Datasheet HTML 26Page - Advanced Micro Devices AM29LL800BT-200FIB Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Am29LL800B
23
ADV ANCE
I N FO RMAT I O N
DC CHARACTERISTICS
CMOS Compatible
Notes:
1. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH. Typical VCC is 2.5 V.
2. ICC active while Embedded Erase or Embedded Program is in progress.
3. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns.
4. Not 100% tested.
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9 Input Load Current
VCC = VCC max; A9 = 10.0 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC,
VCC = VCC max
±1.0
µA
ICC1
VCC Active Read Current
(Note 1)
CE# = VIL, OE# = VIH,
Byte Mode
5 MHz
7
12
mA
1 MHz
2
4
CE# = VIL, OE# = VIH,
Word Mode
5 MHz
7
12
1 MHz
2
4
ICC2
VCC Active Write Current
(Notes 2 and 4)
CE# = VIL, OE# = VIH
15
30
mA
ICC3
VCC Standby Current
VCC = VCC max;
CE#, RESET# = VCC±0.3 V
0.075
5
µA
ICC4
VCC Reset Current
VCC = VCC max;
RESET# = VSS ± 0.3 V
0.075
5
µA
ICC5
Automatic Sleep Mode (Note 3)
VIH = VCC ± 0.3 V;
VIL = VSS ± 0.3 V
0.075
5
µA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7 x VCC
VCC + 0.3
V
VID
Voltage for Autoselect and
Temporary Sector Unprotect
VCC = 2.7 V
9.5
10.5
V
VOL
Output Low Voltage
IOL = 4.0 mA, VCC = VCC min
0.45
V
VOH1
Output High Voltage
IOH = –2.0 mA, VCC = VCC min
0.85 VCC
V
VOH2
IOH = –100 µA, VCC = VCC min
VCC–0.4
VLKO
Low VCC Lock-Out Voltage
(Note 4)
1.0
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com