Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C973 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 9Page - Advanced Micro Devices AM79C973 Datasheet HTML 10Page - Advanced Micro Devices AM79C973 Datasheet HTML 11Page - Advanced Micro Devices AM79C973 Datasheet HTML 12Page - Advanced Micro Devices AM79C973 Datasheet HTML 13Page - Advanced Micro Devices AM79C973 Datasheet HTML 14Page - Advanced Micro Devices AM79C973 Datasheet HTML 15Page - Advanced Micro Devices AM79C973 Datasheet HTML 16Page - Advanced Micro Devices AM79C973 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 304 page
background image
Am79C973/Am79C975
13
P R E L I M INARY
Figure 1.
Slave Configuration Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 2.
Slave Configuration Write . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 3.
Slave Read Using I/O Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 4.
Slave Write Using Memory Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 5.
Expansion ROM Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 6.
Disconnect Of Slave Cycle When Busy . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Figure 7.
Disconnect Of Slave Burst Transfer - No Host Wait States . . . . . . . . . . . . . 44
Figure 8.
Disconnect Of Slave Burst Transfer - Host Inserts Wait States . . . . . . . . . . 45
Figure 9.
Address Parity Error Response . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 10. Slave Cycle Data Parity Error Response 46
Figure 11. Bus Acquisition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 12. Non-Burst Read Transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 13. Burst Read Transfer (EXTREQ = 0, MEMCMD = 0) . . . . . . . . . . . . . . . . . . 48
Figure 14. Non-Burst Write Transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Figure 15. Burst Write Transfer (EXTREQ = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 16. Disconnect With Data Transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Figure 17. Disconnect Without Data Transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 18. Target Abort . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 19. Preemption During Non-Burst Transaction . . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 20. Preemption During Burst Transaction
54
Figure 21. Master Abort . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 22. Master Cycle Data Parity Error Response . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 23. Initialization Block Read In Non-Burst Mode
57
Figure 24. Initialization Block Read In Burst Mode
57
Figure 25. Descriptor Ring Read In Non-Burst Mode . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 26. Descriptor Ring Read In Burst Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 27. Descriptor Ring Write In Non-Burst Mode . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 28. Descriptor Ring Write In Burst Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 29. FIFO Burst Write At Start Of Unaligned Buffer . . . . . . . . . . . . . . . . . . . . . . . 62
Figure 30. FIFO Burst Write At End Of Unaligned Buffer . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 31. 16-Bit Software Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Figure 32. 32-Bit Software Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 33. ISO 8802-3 (IEEE/ANSI 802.3) Data Frame . . . . . . . . . . . . . . . . . . . . . . . . 74
Figure 34. IEEE 802.3 Frame And Length Field Transmission Order . . . . . . . . . . . . . . 77
Figure 35. 100BASE-X Transmit and Receive Data Paths of the Internal PHY . . . . . . 81
Figure 36. MLT-3 Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
Figure 37. TX± and RX± Termination 86
Figure 38. 10BASE-T Transmit and Receive Data Paths . . . . . . . . . . . . . . . . . . . . . . . 87
Figure 39. Receive Frame Tagging . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
Figure 40. Flash Configuration for the Expansion Bus . . . . . . . . . . . . . . . . . . . . . . . . . 91
Figure 41. EPROM Only Configuration for the Expansion Bus (64K EPROM) . . . . . . . 92
Figure 42. EPROM Only Configuration for the Expansion Bus (64K EPROM)
93
Figure 43. Expansion ROM Bus Read Sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
Figure 44. Flash Read from Expansion Bus Data Port . . . . . . . . . . . . . . . . . . . . . . . . . 94
Figure 45. Flash Write from Expansion Bus Data Port . . . . . . . . . . . . . . . . . . . . . . . . . 95
Figure 46. Block Diagram No SRAM Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
Figure 47. Block Diagram Low Latency Receive Configuration . . . . . . . . . . . . . . . . . . 97
Figure 48. LED Control Logic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
LIST OF FIGURES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com