Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C98 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C98
Description  Twisted-Pair Ethernet Transceiver (TPEX)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C98 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C98 Datasheet HTML 9Page - Advanced Micro Devices AM79C98 Datasheet HTML 10Page - Advanced Micro Devices AM79C98 Datasheet HTML 11Page - Advanced Micro Devices AM79C98 Datasheet HTML 12Page - Advanced Micro Devices AM79C98 Datasheet HTML 13Page - Advanced Micro Devices AM79C98 Datasheet HTML 14Page - Advanced Micro Devices AM79C98 Datasheet HTML 15Page - Advanced Micro Devices AM79C98 Datasheet HTML 16Page - Advanced Micro Devices AM79C98 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AMD
13
Am79C98
Table 1. TPEX Compatible Media Interface Modules
Manufacturer
Part #
Package
Description
Bel Fuse
A556-2006-DE
16-pin 0.3” DIL
Transmit and receive filters and transformers
Bel Fuse
0556-2006-00
14-pin SIP
Transmit and receive filters and transformers
Bel Fuse
0556-2006-01
14-pin SIP
Transmit and receive filters, transformers and
common mode chokes
Valor Electronics
PT3877
16-pin 0.3” DIL
Transmit and receive filters and transformers
Valor Electronics
PT3983
8-pin 0.3” DIL
Transmit and receive common mode chokes
Valor Electronics
FL1012
16-pin 0.3” DIL
Transmit and receive filters and transformers,
transmit common mode choke
Nano pulse
NP6612
16-pin 0.3” DIL
Transmit and receive filters, transformers and
common mode chokes
Nano pulse
NP6581
8-pin 0.3” DIL
Transmit and receive common mode chokes
Nano pulse
NP6696
24-pin 0.6” DIL
Transmit and receive filters, transformers and
common mode chokes
TDK
TLA 470
14-pin SIP
Transmit and receive filters and transformers
TDK
HIM3000
24-pin 0.6” DIL
Transmit and receive filters, transformers and
common mode chokes
Pulse Engineering
PE65421
16-pin 0.3” DIL
Transmit and receive filters and transformers
Pulse Engineering
SUPRA 1.1
16-pin 0.5” DIL
Transmit and receive filters and transformers,
transmit common mode choke
Bel Fuse
0556-6392-00
16-pin 0.5” DIL
Transmit and receive filters, transformers, and
common mode chokes
Table 2. Am79C98 TPEX Compatible AUI Transformers
Manufacturer
Part #
Package
Description
Bel Fuse
A553-0506-AB
16-pin 0.3” DIL
50
µH
Valor Electronics
LT6031
16-pin 0.3” DIL
50
µH
TDK
TLA 100-3E
16-pin 0.3” DIL
100
µH
Pulse Engineering
PE64106
16-pin 0.3” DIL
50
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com