Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL751 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # RL751
Description  AUTOMOTIVE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

RL751 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  RL751 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RL751 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
EQUAL LEAD LENGTH TO HEAT SINK. (IN.)
VS LEAD LENGTH
FIG.5-TYPICAL THERMAL RESISTANCE
INSTANTANEOUS FORWARD VOLTAGE,(V)
1% Duty Cycle
Pulse Width=300uS
T =25 ° C
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
FIG.1-TYPICAL FORWARD CURRENT
AMBIENT TEMPERATURE, ( ° C)
0
20
10
0.1
0
0.2
0.4
0.4
1.0
10
100
1000
j
50
25
0
60
75
100
6.0
4.0
2.0
0
0.375''(9.5mm) lead length
Inductive Load
Half Wave 60Hz
Resistive or
Single Phase
DERATING CURVE
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
FIG.4-TYPICAL REVERSE
4
NUMBER OF CYCLES AT 60 Hz
0.01
0.8
0.6
1.0
20
0
175
150
125
1.0
0.1
0
10
2
1
60
80
40
100
120
j
T =25 ° C
CHARACTERISTICS
j
T =100 ° C
10
6
8
70
30
20
50
100
FORWARD SURGE CURRENT
FIG.2-MAXIMUM NON-REPETITIVE PEAK
300
200
100
1 Cycle
400
(JEDEC Method)
=T
8.3ms Single Half Sine-Wave
j
j max
T
0.6
0.8
1.0
1.2
1.4
1.6
1.8
RAL750-756
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com