Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3VM-41DR Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-41DR
Description  Higher power, 2.5-A switching with a 40-V load voltage, DIP package. Low 50 m廓 ON Resistance.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-41DR Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-41DR Datasheet HTML 1Page - Omron Electronics LLC G3VM-41DR Datasheet HTML 2Page - Omron Electronics LLC G3VM-41DR Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
G3VM-41AR/DR
MOS FET Relays
■ Recommended Operating Conditions
Use the G3VM under the following conditions so that the Relay will operate properly.
■ Engineering Data
■ Safety Precautions
• Refer to "Common Precautions" for all G3VM models.
Item
Symbol
Minimum
Typical
Maximum
Unit
Load voltage
(AC peak/DC)
VDD
---
---
32
V
Operating LED forward current
IF
510
25
mA
Continuous load current
(AC peak/DC)
IO
---
---
2.5
A
Operating temperature
Ta
−20
---
65
°C
LED forward current vs.
Ambient temperature
Continuous load current vs.
Ambient temperature
LED forward current vs.
LED forward voltage
Continuous load current vs.
On-state voltage
On-state resistance vs.
Ambient temperature
Trigger LED forward current vs.
Ambient temperature
Turn ON, Turn OFF time vs.
LED forward current
Turn ON, Turn OFF time vs.
Ambient temperature
Current leakage vs.
Ambient temperature
IF - Ta
Ambient temperature Ta (°C)
0
30
10
20
40
50
-40
100
80
60
40
20
0
-20
IO - Ta
-40
100
80
60
40
20
0
-20
0
3
2
1
Ambient temperature Ta (°C)
IF - VF
100
10
1
0.1
0.01
0
0.5
1
1.5
2
LED forward voltage VF (V)
Ta = 25°C
IO - VON
0
-3
-2
-1
1
2
3
-0.15
-0.1
-0.05
0
0.1
0.15
0.05
On-state voltage VON (V)
Ta = 25
°C
IF = 5mA
RON - Ta
-40
-20
60
0
20
40
80
100
0
20406080
100
Ambient temperature Ta (°C)
IO = 2A
IF = 5mA, t < 1s
IFT - Ta
0
1
2
-40
-20
0
20406080
100
Ambient temperature Ta (°C)
IO = 1A
t < 1s
tON, tOFF - IF
0.01
0.1
1
10
100
1
10
100
LED forward current IF (mA)
VDD = 20V
RL = 200Ω
Ta = 25°C
t off
t on
tON, tOFF - Ta
-40
-20
0.01
100
10
1
0.1
0
20406080
100
Ambient temperature Ta (°C)
VDD = 20V
RL = 200Ω
IF = 5mA
t off
t on
ILEAK - Ta
0.01
100
10
1
0.1
-40
-20
0
20
40
60
80
100
Ambient temperature Ta (°C)
VOFF = 40V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com