Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC002CFLKA Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AMC002CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC002CFLKA Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AMC002CFLKA Datasheet HTML 34Page - Advanced Micro Devices AMC002CFLKA Datasheet HTML 35Page - Advanced Micro Devices AMC002CFLKA Datasheet HTML 36Page - Advanced Micro Devices AMC002CFLKA Datasheet HTML 37Page - Advanced Micro Devices AMC002CFLKA Datasheet HTML 38Page - Advanced Micro Devices AMC002CFLKA Datasheet HTML 39Page - Advanced Micro Devices AMC002CFLKA Datasheet HTML 40Page - Advanced Micro Devices AMC002CFLKA Datasheet HTML 41Page - Advanced Micro Devices AMC002CFLKA Datasheet HTML 42Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
38
AmC0XXCFLKA
5/4/98
SWITCHING WAVEFORMS
18723C-21
Notes:
1. Figure indicates last two bus cycles of four bus cycle sequence.
2. PA is address of the memory location to be programmed.
3. PD is data to be programmed at byte address.
4. D7 is the output of the complement of the data written to the device.
5. DOUT is the output of the data written to the device.
Figure 20.
Alternate CE Controlled Byte Write Operation Timings
DOUT
PD
tAH
Data Polling
tDS
tWS
tCPH
tDH
tCP
tGHEL
Addresses
WE
OE
CE
Data
VCC
D7
AAAAH
PA
A0H
PA
tWC
tAS
tWHWH3 or 4
tWH
tVCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com