Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC004DFLKA Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AMC004DFLKA
Description  4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC004DFLKA Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AMC004DFLKA Datasheet HTML 11Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 12Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 13Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 14Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 15Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 16Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 17Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 18Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
AmC0XXDFLKA
15
The Reset command will safely reset the segment
memory to the Read mode. Memory contents are not
altered. Following any other command, write the Reset
command once to the segment. This will safely abort
any operation and reset the device to the Read mode.
The Reset is needed to terminate the auto select oper-
ation. It can be used to terminate an Erase or Sector
Erase operation, but the data in the sector or segment
being erased would then be undefined.
Write Operation Status
RY/BY
Ready/Busy
The D-Series Card provides a RY/BY output pin as a
way to indicate to the host system that the Embedded
Algorithms are either in progress or has been com-
pleted. If the output is low, the card is busy with either
a program or erase operation. If the output is high, the
card is ready to accept any read/write or erase opera-
tion. When the RY/BY pin is low, the card will not accept
any additional program or erase commands with the
exception of the Erase Suspend command to the same
device pair, one can still write or erase to a different de-
vice pair. If the card is placed in an Erase Suspend
mode, the RY/BY output will be high.
During programming, the RY/BY pin is driven low after
the rising edge of the fourth WE pulse. During an erase
operation, the RY/BY pin is driven low after the rising
edge of the sixth WE pulse. The RY/BY pin will indicate
a busy condition during the RESET pulse. Refer to Fig-
ure 21 for a detailed timing diagram. The RY/BY pin is
pulled high in standby mode. RY/BY is best used to in-
terrupt the CPU when an erase completes. Polling is
best for byte programming.
Data Polling—D7 (D15 on Odd Byte)
The Flash Memory PC Card features Data Polling as a
method to indicate to the host system that the Embed-
ded algorithms are either in progress or completed.
While the Embedded Programming algorithm is in op-
eration, an attempt to read the device will produce the
complement of expected valid data on D7 of the ad-
dressed memory sector or memory segment. Upon
completion of the Embedded Program algorithm an at-
tempt to read the device will produce valid data on D7.
The Data Polling feature is valid after the rising edge of
the fourth WE pulse of the four write pulse sequence.
While the Embedded Erase algorithm is in operation,
D7 will read “0” until the erase operation is completed.
Upon completion of the erase operation, the data on D7
will read “1”.
The Data Polling feature is only active during the Em-
bedded Programming or Erase algorithms. Please note
that the AmC0XXDFLKA data pin (D7) may change
asynchronously while Output Enable (OE) is asserted
low. This means that the device is driving status infor-
mation on D7 at one instant of time and then the byte’s
valid data at the next instant of time. Depending on
19521D-3
Figure 2.
Embedded Programming Algorithm in Byte-Wide Mode
Write Embedded Write Command
Sequence per Table 3 or 4
Verify Byte
No
Yes
Data Poll Device
Yes
Increment Address
No
Start
Completed
Last
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com