Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3F1020 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # B3F1020
Description  A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B3F1020 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  B3F1020 Datasheet HTML 1Page - List of Unclassifed Manufacturers B3F1020 Datasheet HTML 2Page - List of Unclassifed Manufacturers B3F1020 Datasheet HTML 3Page - List of Unclassifed Manufacturers B3F1020 Datasheet HTML 4Page - List of Unclassifed Manufacturers B3F1020 Datasheet HTML 5Page - List of Unclassifed Manufacturers B3F1020 Datasheet HTML 6Page - List of Unclassifed Manufacturers B3F1020 Datasheet HTML 7Page - List of Unclassifed Manufacturers B3F1020 Datasheet HTML 8Page - List of Unclassifed Manufacturers B3F1020 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
769
Text
768
Text
Tactile Switch – B3F
6 mm x 6 mm Radial Types (Taping Specifications): Sold in Units of 1,000 Switches
Tactile Switch – B3F
Tactile Switch – B3F
Two, 1.8
±0.05 dia.
(For positioning boss)
Four,
1.2
±0.05 dia.
Two, 1.8
±0.05 dia.
(For positioning boss)
Five,
1.2
±0.05 dia.
Two, 1.8
±0.05 dia.
(For positioning boss)
Four, 1.2
±0.05 dia.
B3F-4000, B3F-4005,
B3F-5000, B3F-5001
7.1 dia.
7.1 dia.
7.1 dia.
3.8
×3.8±0.1
3.8
×3.8±0.1
7.1 dia.
Two, 1.8
±0.05 dia.
(For positioning boss)
Five,
1.2
±0.05 dia.
B3F-4100, B3F-4105,
B3F-5100, B3F-5101
B3F-4050, B3F-4055,
B3F-5050, B3F-5051
B3F-4150, B3F-4155,
B3F-5150, B3F-5151
Flat Plunger Type
(without Ground Terminal)
Flat Plunger Type
(with Ground Terminal)
Projected Plunger Type
(without Ground Terminal)
Projected Plunger Type
(with Ground Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Intern
Connections (Top View)
12 x 12 mm Models
Omron 08 Cat 565-773
5/10/07
15:58
Page 768



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com