Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNB20N07 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNB20N07
Description  FULLY AUTOPROTECTED POWER MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNB20N07 Datasheet(HTML) 3 Page - STMicroelectronics

  VNB20N07 Datasheet HTML 1Page - STMicroelectronics VNB20N07 Datasheet HTML 2Page - STMicroelectronics VNB20N07 Datasheet HTML 3Page - STMicroelectronics VNB20N07 Datasheet HTML 4Page - STMicroelectronics VNB20N07 Datasheet HTML 5Page - STMicroelectronics VNB20N07 Datasheet HTML 6Page - STMicroelectronics VNB20N07 Datasheet HTML 7Page - STMicroelectronics VNB20N07 Datasheet HTML 8Page - STMicroelectronics VNB20N07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING (
∗∗)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 15 V
Id = 10 A
Vgen = 10 V
Rgen = 10
Ω
(see figure 3)
90
240
430
150
180
400
800
300
ns
ns
ns
ns
td(on)
tr
td(off)
tf
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VDD = 15 V
Id = 10 A
Vgen = 10 V
Rgen = 1000
Ω
(see figure 3)
800
1.5
6
3.5
1200
2.2
10
5.5
ns
µs
µs
µs
(di/dt)on
Turn-on Current Slope
VDD = 15 V
ID = 10 A
Vin = 10 V
Rgen = 10
Ω
60
A/
µs
Qi
Total Input Charge
VDD = 12 V
ID = 10 A
Vin = 10 V
60
nC
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSD (
∗)
Forward On Voltage
ISD = 10 A
Vin = 0
1.6
V
trr(
∗∗)
Qrr(
∗∗)
IRRM(
∗∗)
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 10 A
di/dt = 100 A/
µs
VDD = 30 V
Tj = 25
oC
(see test circuit, figure 5)
165
0.55
6.5
ns
µC
A
PROTECTION
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ilim
Drain Current Limit
Vin = 10 V
VDS = 13 V
Vin = 5 V
VDS = 13 V
14
14
20
20
28
28
A
A
tdlim(
∗∗)
Step Response
Current Limit
Vin = 10 V
Vin = 5 V
29
70
60
140
µs
µs
Tjsh(
∗∗)
Overtemperature
Shutdown
150
oC
Tjrs(
∗∗)
Overtemperature Reset
135
oC
Igf(
∗∗)
Fault Sink Current
Vin = 10 V
Vin = 5 V
50
20
mA
mA
Eas(
∗∗)
Single Pulse
Avalanche Energy
starting Tj = 25
oC
VDD = 20 V
Vin = 10 V
Rgen = 1 K
Ω L = 10 mH
0.95
J
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
∗∗) Parameters guaranteed by design/characterization
VNP20N07FI-VNB20N07-VNV20N07
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com