Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100-4635 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 100-4635
Description  Indoor surface mounting call points avail-able as 470 , 680 versions
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

100-4635 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  100-4635 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Order Code
Call Point 470Ω
100-4630
Call Point 680Ω
100-4631
Accessories
Hinged Cover
100-4632
Hinged Cover Seals (Pk5)
100-4634
Spare Glass (Pk10)
890-1970
Spare Keys (Pk10)
100-4635
Indoor Break Glass Call Points
Ì Indoor surface mounting call points avail-
able as 470Ω or 680Ω versions
Ì Unique ‘Plug & Play’ installation concept
Ì Anti-tamper facility
Ì Enhanced aesthetics
Ì Fully approved to the latest standards, in-
cluding EN54-11 and LPCB 166b/39 &
166b/40
Ì Backward compatibility
Ì Additional transparent hinged covers
available for extra protection, ideal for
schools etc
Ì Operating Temperature: -40 to +55°C
Ì Voltage: 24V DC
Ì Dimensions (WxHxD): 89 x 93 x 58.5mm
416661.416656


Similar Part No. - 100-4635

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
100-4600 PROSIGNAL-100-4600 Datasheet
27Kb / 1P
Piezo Tweeter
100-4601 PROSIGNAL-100-4601 Datasheet
29Kb / 1P
Piezo Tweeter Driver
More results

Similar Description - 100-4635

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
CALL WAITING DECODER
logo
CML Microcircuits
FX003 CMLMICRO-FX003 Datasheet
376Kb / 6P
Selective Call
logo
Panasonic Semiconductor
LNJ010V6BRAA PANASONIC-LNJ010V6BRAA Datasheet
758Kb / 4P
We call the area which is composed by the above points Rank of chromaticity
LNJ080V6BRAA PANASONIC-LNJ080V6BRAA Datasheet
703Kb / 4P
We call the area which is composed by the above points Rank of chromaticity
logo
Laird Tech Smart Techno...
YE490012 LSTD-YE490012 Datasheet
924Kb / 2P
Indoor/outdoor mounting options
logo
SparkFun Electronics
PRT-12070 SPARKFUN-PRT-12070 Datasheet
100Kb / 1P
SparkFun Solder-able Breadboard
4/16/2015
logo
Pepperl+Fuchs Inc.
U-G1F PF-U-G1F Datasheet
190Kb / 2P
AS-Interface module mounting base
U-G1FA PF-U-G1FA Datasheet
164Kb / 2P
AS-Interface module mounting base
U-G2FF PF-U-G2FF Datasheet
107Kb / 1P
AS-Interface module mounting base
U-G3FF PF-U-G3FF Datasheet
185Kb / 3P
AS-Interface module mounting base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com