Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # DF005
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

DF005 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  DF005 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD DF005 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
T =25 ° C
PER BRIDGE ELEMENT
REVRESE VOLTAGE, (V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,(V)
V
1.0
0.1
1.0
p-p
f=1MHz
sig =50mV
10
T =25 ° C
j
100
0.4
0.01
0.8
0.6
1.2
1.0
140
10
100
1.6
1.4
1.8
REVERSE VOLTAGE, (%)
PERCENT OF RATED PEAK
60
0
20
40
0.01
120
80
100
j
1% Duty Cycle
Pulse Width=300uS
T =25 ° C
FIG.3-TYPICAL FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, ( ° C)
OUTPUT RECTIFIED CURRENT
FIG.1-DERATING CURVE FOR
0.1
j
PER BRIDGE ELEMENT
1.0
20
10
Single Phase
Half Wave 60Hz
Resistive or Inductive Load
0
0
0.2
0.4
40 50
25
100
75
1.0
0.6
0.8
1.2
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FORWARD SURGE CURRENT PER ELEMENT
0.1
1.0
T =125 ° C
PER BRIDGE ELEMENT
10
j
100
150
125
175
30
8
NUMBER OF CYCLES AT 60 Hz
2
0
1
6
4
1 Cycle
20
10
20
10
80
40
60
Single Half Sine-Wave
(JEDEC Method)
40
50
60
70
T =T
j
j max
DF005-DF10
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com