Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F4T7YCGPUL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # F4T7YCGPUL
Description  Snap-action Microswitches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F4T7YCGPUL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  F4T7YCGPUL Datasheet HTML 1Page - List of Unclassifed Manufacturers F4T7YCGPUL Datasheet HTML 2Page - List of Unclassifed Manufacturers F4T7YCGPUL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.saia-burgess.com
saia-burgess Switches
Specifications
Housing
Glass fibre reinforced nylon
Plunger
Nylon
Mechanism
Snap-action, single pole
Functions
Change-over, Normally open, Normally closed
Contacts
Fixed, Moving – Ag or Gold plate on Ag
Terminals
2.0 mm (0.08 in) faston and solder - brass, gold flashed
Temperature range ºC
-40°C to +85°C
Mechanical life
107 cycles minimum (impact free actuation)
Protection
IP 40 (enclosure)
Mounting
Side mounting
Actuators
Plain lever; simulated roller (cam follower) lever
Accessories
Lug mounting frame, insulating sheet, spring-leaf actuator
Circuit diagram
Dimensions
F4
Recommended maximum electrical ratings
Voltage
Load
Approval
(max)
(A)
250 VAC
5 (0.75 pf)
UL 1054/CSA 22.2 No. 55 - 6,000 operations
125 VAC
5 (0.75 pf)
UL 1054/CSA 22.2 No. 55 - 6,000 operations
0 - 15 VDC
5
General rating - 50,000 operations
15 - 30 VDC
3
General rating - 50,000 operations
1
4
2
COMMON
OPEN
NORMALLY
CLOSED
NORMALLY
2 Mounting holes
F4T6
F4T7
Mounting holes
18 |
19
Inhalt_englisch_1.indd 19
7.12.2005 13:58:11 Uhr



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com