Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1780ISW Datasheet(PDF) 12 Page - Linear Integrated Systems

Part # LT1780ISW
Description  Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1780ISW Datasheet(HTML) 12 Page - Linear Integrated Systems

Back Button LT1780ISW Datasheet HTML 4Page - Linear Integrated Systems LT1780ISW Datasheet HTML 5Page - Linear Integrated Systems LT1780ISW Datasheet HTML 6Page - Linear Integrated Systems LT1780ISW Datasheet HTML 7Page - Linear Integrated Systems LT1780ISW Datasheet HTML 8Page - Linear Integrated Systems LT1780ISW Datasheet HTML 9Page - Linear Integrated Systems LT1780ISW Datasheet HTML 10Page - Linear Integrated Systems LT1780ISW Datasheet HTML 11Page - Linear Integrated Systems LT1780ISW Datasheet HTML 12Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LT1780/LT1781
17801f LT/TP 0498 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1998
TYPICAL APPLICATIO
Supporting an LT1039 (Triple Driver/Receiver)
30k
30k
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
1780/81 • TA04
LT1039
TTL INPUT
30k
RS232 INPUT
VCC
TTL INPUT
TTL INPUT
TTL OUTPUT
TTL OUTPUT
TTL OUTPUT
ON/OFF
RS232 OUTPUT
5k
RS232 OUTPUT
RS232 INPUT
LT1780
TTL INPUT
5k
RS232 INPUT
VCC
TTL INPUT
TTL OUTPUT
TTL OUTPUT
ON/OFF
RS232 OUTPUT
1
µF
2
4
1
µF
5
6
3
7
18
17
1
µF
1
µF
GND
16
GND
10
V+
V
1
9
18
17
5V
SHUTDOWN
C2
C2+
C1
C1+
V+
V
11
12
13
10
15
14
9
8
12
14
16
11
13
15
7
5
3
8
6
4
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1137A
3Driver/5Receiver RS232 Transceiver
IEC-1000-4-2 Level 4 ESD Compliance
LTC1383
5V Low Power RS232 2Driver/2Receiver Transceiver
Low Supply Current ICC = 220µA
LTC1387
Single 5V RS232/RS485 Multiprotocol Transceiver
Configurable as Dual RS232 or Single RS485 Transceiver
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com