Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1099CSW Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LTC1099CSW
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1099CSW Datasheet(HTML) 3 Page - Linear Integrated Systems

  LTC1099CSW Datasheet HTML 1Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 2Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 3Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 4Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 5Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 6Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 7Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 8Page - Linear Integrated Systems LTC1099CSW Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1099
3
DIGITAL AND DC ELECTRICAL CHARACTERISTICS
LTC1099AI/LTC1099I
LTC1099AC/LTC1099C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
All Digital Inputs, VCC = 5.25V
q
2.0
2.0
V
VIL
Low Level Input Voltage
All Digital Inputs, VCC = 4.75V
q
0.8
0.0001
0.8
V
IIH
High Level Input Current
VIH = 5V; CS, RD, Mode
q
0.0001
1
1
µA
VIH = 5V; WR
q
0.0005
3
0.0005
3
µA
IIL
Low Level Input Current
VIL = 0V; All Digital Inputs
q
–0.0001
–1
–0.0001
–1
µA
VOH
High Level Output Voltage DB0-DB7, OFL, INT; VCC = 4.75V
IOUT = 360µA
q
2.4
4.0
2.4
4.0
V
IOUT =10µA
4.7
4.7
V
VOL
Low Level Output Voltage DB0-DB7, OFL, INT, RDY; VCC = 4.75V
IOUT =1.6mA
q
0.4
0.4
V
IOZ
Hi-Z Output Leakage
DB0-DB7, RDY; VOUT = 5V
q
0.1
3
0.1
3
µA
DB0-DB7, RDY; VOUT = 0V
q
–0.1
–3
–0.1
–3
µA
ISOURCE
Output Source Current
DB0-DB7, OFL, INT; VOUT = 0V
q
–11
–6
–11
–7
mA
ISINK
Output Sink Current
DB0-DB7, OFL, INT, RDY; VOUT = 5V
q
14
7
14
9
mA
ICC
Supply Current
CS = WR = RD = VCC
q
11
20
11
15
mA
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 5V, REF+ = 5V, REF– = 0V and TA = TMIN to TMAX unless otherwise noted.
The q denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. VCC = 5V, REF+ = 5V, REF– = 0V and TA = TMIN to TMAX unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltages are with respect to GND (Pin 10) unless otherwise
noted.
AC CHARACTERISTICS
Note 3: Total unadjusted error includes offset, gain, linearity and hold step
errors.
Note 4: Reference input voltage range is guaranteed but is not tested.
LTC1099AI/LTC1099I
LTC1099AC/LTC1099C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RD Mode (Figure 2) Pin 7 = GND
tCRD
Conversion Time
TA = 25°C
2.2
2.5
2.8
2.2
2.5
2.8
µs
q
5.0
3.75
µs
tRDY
Delay From CS
↓ to RDY↓
CL = 100pF
70
70
ns
tACC0
Delay From RD
↓to Output Data Valid
CL = 100pF
tCRD + 35
tCRD + 35
ns
tINTH
Delay From RD
↑to INT↑
CL = 100pF
70
70
ns
t1H, t0H
Delay From RD
↑ to Hi-Z State on Outputs
Test Circuit Figure 1
70
70
ns
tP
Delay Time Between Conversions
700
700
ns
tACC2
Delay Time From RD
↓to Output Data Valid
70
70
ns
WR/RD Mode (Figures 3 and 4) Pin 7 = VCC
tCWR
Conversion Time
TA = 25°C
2.2
2.5
2.8
2.2
2.5
2.8
µs
q
5.0
3.75
µs
tACC0
Delay Time From WR
↓to Output Data Valid CL = 100pF
tCWR + 40
tCWR + 40
ns
tACC2
Delay From RD
↓to Output Data Valid
CL = 100pF
70
70
ns
tINTH
Delay From RD
↑to INT↑
CL = 100pF
70
70
ns
tIHWR
Delay From WR
↓ to INT↑
CL = 100pF
240
240
ns
t1H, t0H
Delay From RD
↑ to Hi-Z State on Outputs
Test Circuit Figure 1
70
70
ns
tP
Delay Time Between Conversions
700
700
ns
tWR
Minimum WR Pulse Width
55
55
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com