Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL400BT-80SCB Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM29DL400BT-80SCB
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL400BT-80SCB Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM29DL400BT-80SCB Datasheet HTML 32Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 33Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 34Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 35Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 36Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 37Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 38Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 39Page - Advanced Micro Devices AM29DL400BT-80SCB Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
36
Am29DL400B
P R E L I M I NARY
AC CHARACTERISTICS
Sector Protect: 100 µs
Sector Unprotect: 10 ms
1 µs
RESET#
SA, A6,
A1, A0
Data
CE#
WE#
OE#
60h
60h
40h
Valid*
Valid*
Valid*
Status
Sector Protect/Unprotect
Verify
VID
VIH
* For sector protect, A6 = 0, A1 = 1, A0 = 0. For sector unprotect, A6 = 1, A1 = 1, A0 = 0.
21606C-28
Figure 24.
Sector Protect/Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com