Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PALCE16V8 Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # PALCE16V8
Description  EE CMOS 20-Pin Universal Programmable Array Logic
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE16V8 Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button PALCE16V8 Datasheet HTML 15Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 16Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 17Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 18Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 19Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 20Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 21Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 22Page - Advanced Micro Devices PALCE16V8 Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
AMD
2-54
PALCE16V8H-15/25, Q-15/25 (Com’l, Ind), Q-20 (Ind)
CAPACITANCE (Note 1)
Parameter
Symbol
Parameter Descriptions
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 5.0 V, TA = 25
°C,
5
pF
COUT
Output Capacitance
VOUT = 2.0 V
f = 1 MHz
8
pF
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL and INDUSTRIAL operating ranges
(Note 2)
Parameter
Symbol
Parameter Description
Min
Max
Min
Max
Min
Max
Unit
tPD
Input or Feedback to Combinatorial Output
15
20
25
ns
tS
Setup Time from Input or Feedback to Clock
12
13
15
ns
tH
Hold Time
0
0
0
ns
tCO
Clock to Output
10
11
12
ns
tWL
LOW
8
10
12
ns
tWH
HIGH
8
10
12
ns
External Feedback
1/(tS + tCO)
45.5
41.6
37
MHz
fMAX
Internal Feedback
1/(tS + tCO)
50
45.4
40
MHz
(fCNT)
(Note 4)
No Feedback
1/(tWH + tWL)
62.5
50.0
41.6
MHz
tPZX
OE to Output Enable
15
18
20
ns
tPXZ
OE to Output Disable
15
18
20
ns
tEA
Input to Output Enable Using Product Term Control
15
18
20
ns
tER
Input to Output Disable Using Product Term Control
15
18
20
ns
Clock Width
Maximum
Frequency
(Note 3)
Notes:
2. See Switching Test Circuit for test conditions.
3. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified
where frequency may be affected.
4. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) – tS.
-15
-20
-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com