Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F040-120PIB Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM29F040-120PIB
Description  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-120PIB Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM29F040-120PIB Datasheet HTML 24Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 25Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 26Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 27Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 28Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 29Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 30Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 31Page - Advanced Micro Devices AM29F040-120PIB Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
28
Am29F040
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. 25
°C, 5 V V
CC, 100,000 cycles.
2. Under worst case condition of 90
°C, 4.5 V V
CC, 100,000 cycles.
3. System-level overhead is defined as the time required to execute the four bus cycle command necessary to program each
byte. In the preprogramming step of the Embedded Erase algorithm, all bytes are programmed to 00H before erasure.
4. The Embedded Algorithms allow for 1.8 ms byte program time. DQ5 = “1" only after a byte takes the theoretical maximum time
to program. A minimal number of bytes may require significantly more programming pulses than the typical byte. The majority
of the bytes will program within one or two pulses (7 to 14
µs).This is demonstrated by the Typical and Maximum Programming
Times listed above.
LATCHUP CHARACTERISTICS
Includes all pins except VCC. Test conditions: VCC = 5.0 V, one pin at a time.
LCC PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
TSOP PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
Parameter
Typ
Max
Unit
Comments
Sector Erase Time
1.0 (Note 1)
8
sec
Excludes 00H programming prior to erasure
Chip Erase Time
8 (Note 1)
64
sec
Excludes 00H programming prior to erasure
Byte Programming Time
7 (Note 1)
300 (Note 2)
µs
Excludes system-level overhead (Note 3)
Chip Programming Time
3.6 (Note 1)
10.8 (Notes 2, 4)
sec
Excludes system-level overhead (Note 3)
Min
Max
Input Voltage with respect to VSS on all I/O pins
–1.0 V
VCC + 1.0 V
VCC Current
–100 mA
+100 mA
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com