Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4267CDHC Datasheet(PDF) 24 Page - Linear Integrated Systems

Part # LTC4267CDHC
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4267CDHC Datasheet(HTML) 24 Page - Linear Integrated Systems

Back Button LTC4267CDHC Datasheet HTML 20Page - Linear Integrated Systems LTC4267CDHC Datasheet HTML 21Page - Linear Integrated Systems LTC4267CDHC Datasheet HTML 22Page - Linear Integrated Systems LTC4267CDHC Datasheet HTML 23Page - Linear Integrated Systems LTC4267CDHC Datasheet HTML 24Page - Linear Integrated Systems LTC4267CDHC Datasheet HTML 25Page - Linear Integrated Systems LTC4267CDHC Datasheet HTML 26Page - Linear Integrated Systems LTC4267CDHC Datasheet HTML 27Page - Linear Integrated Systems LTC4267CDHC Datasheet HTML 28Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC4267
24
4267fc
Selecting the Switching Transistor
With the N-channel power MOSFET driving the primary of
the transformer, the inductance will cause the drain of the
MOSFET to traverse twice the voltage across VPORTP and
PGND. The LTC4267 operates with a maximum supply of
– 57V; thus the MOSFET must be rated to handle 114V or
more with sufficient design margin. Typical transistors have
150V ratings while some manufacturers have developed
120V rated MOSFETs specifically for Power-over-Ethernet
applications.
The NGATE pin of the LTC4267 drives the gate of the
N-channel MOSFET. NGATE will traverse a rail-to-rail volt-
age from PGND to PVCC. The designer must ensure the
MOSFET provides a low “ON” resistance when switched
to PVCC as well as ensure the gate of the MOSFET can
handle the PVCC supply voltage.
For high efficiency applications, select an N-channel
MOSFET with low total gate charge. The lower total gate
charge improves the efficiency of the NGATE drive circuit
and minimizes the switching current needed to charge
and discharge the gate.
Auxiliary Power Source
In some applications, it may be desirable to power the
PD from an auxiliary power source such as a wall trans-
former. The auxiliary power can be injected into the PD at
several locations and various trade-offs exist. Power can
be injected at the 3.3V or 5V output of the isolated power
supply with the use of a diode ORing circuit. This method
accesses the internal circuits of the PD after the isolation
barrier and therefore meets the 802.3af isolation safety
requirements for the wall transformer jack on the PD.
Power can also be injected into the PD interface portion
of the LTC4267. In this case, it is necessary to ensure the
user cannot access the terminals of the wall transformer
jack on the PD since this would compromise the 802.3af
isolation safety requirements.
Figure 16 demonstrates three methods of diode ORing
external power into a PD. Option 1 inserts power before
the LTC4267 interface controller while options 2 and 3
bypass the LTC4267 interface controller section and power
the switching regulator directly.
If power is inserted before the LTC4267 interface con-
troller, it is necessary for the wall transformer to exceed
the LTC4267 UVLO turn-on requirement and include a
transient voltage suppressor (TVS) to limit the maximum
voltage to 57V. This option provides input current limit
for the transformer, provides a valid power good signal,
and simplifies power priority issues. As long as the wall
transformer applies power to the PD before the PSE, it
will take priority and the PSE will not power up the PD
because the wall power will corrupt the 25kΩ signature. If
the PSE is already powering the PD, the wall transformer
power will be in parallel with the PSE. In this case, prior-
ity will be given to the higher supply voltage. If the wall
transformer voltage is higher, the PSE should remove the
line voltage since no current will be drawn from the PSE.
On the other hand, if the wall transformer voltage is lower,
the PSE will continue to supply power to the PD and the
wall transformer will not be used. Proper operation should
occur in either scenario.
If auxiliary power is applied directly to the LTC4267 switch-
ing regulator (bypassing the LTC4267 PD interface), a
different set of tradeoffs arise. In the configuration shown
in option 2, the wall transformer does not need to exceed
the LTC4267 turn-on UVLO requirement; however, it is
necessary to include diode D9 to prevent the transformer
from applying power to the LTC4267 interface controller.
The transformer voltage requirement will be governed by
the needs of the onboard switching regulator. However,
power priority issues require more intervention. If the
wall transformer voltage is below the PSE voltage, then
priority will be given to the PSE power. The LTC4267
interface controller will draw power from the PSE while
the transformer will sit unused. This configuration is not
a problem in a PoE system. On the other hand, if the wall
APPLICATIO S I FOR ATIO
Figure 15. Main Loop Compensation for a Nonisolated Design
LTC4267
CC
RZ
ITH/RUN
PGND
4267 F15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com