Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MACH211SP-7VC Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # MACH211SP-7VC
Description  High-Density EE CMOS Programmable Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

MACH211SP-7VC Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button MACH211SP-7VC Datasheet HTML 14Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 15Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 16Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 17Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 18Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 19Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 20Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 21Page - Advanced Micro Devices MACH211SP-7VC Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
18
MACH211SP-10/12 (Ind)
Notes:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where capacitance may be affected.
2. See Switching Test Circuit for test conditions.
3. If a signal is powered-down, this parameter must be added to its respective high-speed parameter.
tSLL
Setup Time from Input, I/O, or Feedback Through Transparent Input
Latch to Output Latch Gate
8.5
10.5
ns
tIGS
Input Latch Gate to Output Latch Setup
11
13.5
ns
tWIGL
Input Latch Gate Width LOW
5
6
ns
tPDLL
Input, I/O, or Feedback to Output Through Transparent Input and
Output Latches
14
17
ns
tAR
Asynchronous Reset to Registered or Latched Output
15
19.5
ns
tARW
Asynchronous Reset Width (Note 1)
10
12
ns
tARR
Asynchronous Reset Recovery Time (Note 1)
10
10
ns
tAP
Asynchronous Preset to Registered or Latched Output
15
18
ns
tAPW
Asynchronous Preset Width (Note 1)
10
12
ns
tAPR
Asynchronous Preset Recovery Time (Note 1)
10
10
ns
tEA
Input, I/O, or Feedback to Output Enable (Note 1)
15
15
ns
tER
Input, I/O, or Feedback to Output Disable (Note 1)
15
15
ns
tLP
tPD Increase for Powered-down Macrocell (Note 3)
10
10
ns
tLPS
tS Increase for Powered-down Macrocell (Note 3)
10
10
ns
tLPCO
tCO Increase for Powered-down Macrocell (Note 3)
0
0
ns
tLPEA
tEA Increase for Powered-down Macrocell (Note 3)
10
10
ns
SWITCHING CHARACTERISTICS over INDUSTRIAL operating ranges (Note 2) (continued)
Parameter
Symbol
Parameter Description
-10
-12
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com