Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME1117 Datasheet(PDF) 12 Page - Analog Microelectronics

Part # AME1117
Description  1A Low Dropout Positive Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117 Datasheet(HTML) 12 Page - Analog Microelectronics

Back Button AME1117 Datasheet HTML 7Page - Analog Microelectronics AME1117 Datasheet HTML 8Page - Analog Microelectronics AME1117 Datasheet HTML 9Page - Analog Microelectronics AME1117 Datasheet HTML 10Page - Analog Microelectronics AME1117 Datasheet HTML 11Page - Analog Microelectronics AME1117 Datasheet HTML 12Page - Analog Microelectronics AME1117 Datasheet HTML 13Page - Analog Microelectronics AME1117 Datasheet HTML 14Page - Analog Microelectronics AME1117 Datasheet HTML 15Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Analog Microelectronics, Inc.
12
AME1117
1A Low Dropout Positive
Voltage Regulator
Regulator with Reference
Regulator with Reverse Diode Protection
AME1117
10
µF
V
IN
100
µF
* V
O
V
OUT
V
IN
GND
* V
O = Vref + V Z (V Z is breakdown voltage of Zener Diode)
** Optional for improved ripple rejection
AME1117
10
µF
V
IN
10
µF
10
µF
* V
O
Zener Diode or
Voltage Reference
**
1K
V
IN
V
OUT
ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com