Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC104 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # KBPC104
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

KBPC104 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  KBPC104 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD KBPC104 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
1
0.1
REVRESE VOLTAGE,(V)
1.0
p-p
V sig =50mV
10
100
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
10
100
j
T =25 ° C
f=1MHz
FIG.1-DERATING CURVE FOR
FIG.3-TYPICAL FORWARD CHARACTERISTICS
PER BRIDGE ELEMENT
0.01
0.4
0.1
1.0
10
Pulse Width=300uS
1% Duty Cycle
T =25 ° C
0.6
0.8
j
1.2
1.0
1.6
1.4
1.8
0.375"(95mm)
P.C.B. Mounting
Ambient Temprature,T
0
0
1.0
2.0
3.0
TEMPERATURE, ( ° C)
50
25
100
75
Lead-Length
A
125
150
175
Inductive Load
60Hz Resisitive or
4.0X4.0X0.11"THk
AL.Plate.
(10.5X10.5X0.3cm)
Heat Sink Mounting,
Case Temprature,T
OUTPUT DERTAING CURVE
C
20
0
PERCENT OF RATED PEAK
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
T =25 ° C
60
0.01
40
0.1
j
1.0
10
140
100
80
120
T =100 ° C
j
8
FORWARD SURGE CURRENT PER ELEMENT
(JEDEC Method)
=T
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
30
2
1
0
6
4
1 Cycle
20
10
50
40
70
60
80
20
10
60
40
100
j max
Tj
PER BRIDGE ELEMENT
REVERSE VOLTAGE,(%)
BR305-BR310
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com