Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7D680K Datasheet(PDF) 21 Page - World Produts Inc.

Part # 7D680K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D680K Datasheet(HTML) 21 Page - World Produts Inc.

Back Button 7D680K Datasheet HTML 17Page - World Produts Inc. 7D680K Datasheet HTML 18Page - World Produts Inc. 7D680K Datasheet HTML 19Page - World Produts Inc. 7D680K Datasheet HTML 20Page - World Produts Inc. 7D680K Datasheet HTML 21Page - World Produts Inc. 7D680K Datasheet HTML 22Page - World Produts Inc. 7D680K Datasheet HTML 23Page - World Produts Inc. 7D680K Datasheet HTML 24Page - World Produts Inc. 7D680K Datasheet HTML 25Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 19
D Series — Electrical Characteristics (5, 7, 10, 14, 20, 25 mm) (cont.)
Part
Number
Maximum
Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
2ms
Joules
10/1000µs
Joules
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ05D560KBS
35
45
1 .5
1 .9
100
50
62
110
1
400
VZ07D560KBS
2 .5
3 .1
250
110
2 .5
890
VZ10D560KBS
5 .5
7 .0
500
110
5
2400
VZ14D560KBS
10
11
1000
110
10
4800
VZ20D560KBS
35
38
2000
110
20
8000
VZ05D680KBS
40
56
1 .8
2 .3
100
61 .2
74 .8
135
1
360
VZ07D680KBS
3 .0
3 .8
250
135
2 .5
850
VZ10D680KBS
6 .5
8 .2
500
135
5
2100
VZ14D680KBS
13
14
1000
135
10
4000
VZ20D680KBS
40
43
2000
135
20
6800
VZ05D820KBS
50
66
2 .4
3 .0
400
74
90
135
5
350
VZ07D820KBS
4 .2
5 .5
1200
135
10
830
VZ10D820KBS
8 .4
12
2500
135
25
1600
VZ14D820KBS
15
22
4500
135
50
3300
VZ20D820KBS
37
48
6500
135
100
5600
VZ05D101KBS
60
85
2 .4
3 .5
400
90
110
165
5
320
VZ07D101KBS
4 .8
6 .5
1200
165
10
730
VZ10D101KBS
10
15
2500
165
25
1400
VZ14D101KBS
20
30
4500
165
50
2900
VZ20D101KBS
38
50
6500
165
100
4700
VZ05D121KBS
75
102
3 .0
5 .0
400
108
132
200
5
250
VZ07D121KBS
5 .9
7 .8
1200
200
10
570
VZ10D121KBS
12
18
2500
200
25
1200
VZ14D121KBS
22
34
4500
200
50
2600
VZ20D121KBS
40
55
6500
200
100
4100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com