Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7D101K Datasheet(PDF) 51 Page - World Produts Inc.

Part # 7D101K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D101K Datasheet(HTML) 51 Page - World Produts Inc.

Back Button 7D101K Datasheet HTML 47Page - World Produts Inc. 7D101K Datasheet HTML 48Page - World Produts Inc. 7D101K Datasheet HTML 49Page - World Produts Inc. 7D101K Datasheet HTML 50Page - World Produts Inc. 7D101K Datasheet HTML 51Page - World Produts Inc. 7D101K Datasheet HTML 52Page - World Produts Inc. 7D101K Datasheet HTML 53Page - World Produts Inc. 7D101K Datasheet HTML 54Page - World Produts Inc. 7D101K Datasheet HTML 55Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 49
5mm / 7mm Taping Specifications (continued)
P0
D0
Lx
W
W1
H0
D
A
P
P2
P1
W2
W0
L
H1
F
d
1 .5 mm
Max
t
h
h
P0
D0
Lx
W
W1
H0
D
A
P
P2
P1
W2
W0
L
H1
F
d
1 .5 mm
Max
t
h
h
P0
D0
Lx
W
W1
H0
D
A
P
P2
P1
W2
W0
L
H1
F
d
1 .5 mm
Max
t
h
h
P0
D0
Lx
W
D
P
P2
P1
W2
W0
L
H1
W1
F
d
1 .5 mm
Max
t
h
h
Inward Crimp
T1D (Ammo Box) and T14 (Reel)
In-Line Crimp
T1W (Ammo Box) and T32 (Reel)
Straight Lead
T11 (Ammo Box) and T1 (Reel)
Outward Crimp
T17 (Ammo Box) and T3 (Reel)
Based on EIA-468-B Specifications .
Ammo Box
Reel
5mm and 7mm Disk Size, (T11, T17, T1D, T1W)
A = 50 max, B = 300 max, C = 340 max
2,000 pieces (5ø)
< 250VAC = 1,500 pieces (7ø)
≥ 250VAC = 1,000 pieces (7ø)
All dimensions are in Millimeters .
5mm and 7mm Disk Size, (T1, T3, T14, T32)
W = Approximately 50, D = 350ømax,
A = Approximately 30ø, B = Approximately 95ø
2,000 pieces (5ø)
< 250VAC = 1,500 pieces (7ø)
≥ 250VAC = 1,000 pieces (7ø)
B
C
A
W
A
B
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com