Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7D151K Datasheet(PDF) 6 Page - World Produts Inc.

Part # 7D151K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D151K Datasheet(HTML) 6 Page - World Produts Inc.

Back Button 7D151K Datasheet HTML 2Page - World Produts Inc. 7D151K Datasheet HTML 3Page - World Produts Inc. 7D151K Datasheet HTML 4Page - World Produts Inc. 7D151K Datasheet HTML 5Page - World Produts Inc. 7D151K Datasheet HTML 6Page - World Produts Inc. 7D151K Datasheet HTML 7Page - World Produts Inc. 7D151K Datasheet HTML 8Page - World Produts Inc. 7D151K Datasheet HTML 9Page - World Produts Inc. 7D151K Datasheet HTML 10Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
4 | Metal Oxide Varistors
NOTES:
(1) N/A - Denotes “not applicable” .
(2) IEC 61051-1:2007-04, IEC 61051-2:1991-01, IEC 61051-2-2: 1991-01
*UL 1449 3rd Edition parts are recognized to SPD Application Category Types:
VZ05-VZ10 both “D” & “E” types (ALL), VZ14D (ALL), VZ14E (180-680 values only), and VZ20D (180-680 values only) – other.
VZ14E (820-112 values only) – Type 3 .
VZ20D (820-112 values only) – Type 2 .
VZ18E, VZ 20E and VZ25D – Type 2 .
VZ32D - VZ53D – Type 1 .
**Metal Oxide Varistors will not be recognized to UL1414 from December 25, 2013 .
Approvals stated above are for “series types” as stated . Modification to the above “series types” denoted by special suffixes may vary
with regards to above stated approvals . Please consult the Part Numbering System portion of the catalog for this information .
Approvals
APPROVAL
& FILE #
DISK SIZE / SERIES
5mm
“D” Series
5mm
“E” Series
7mm
“D” Series
7mm
“E” Series
10mm
“D” Series
10mm
“E” Series
14mm
“D” Series
14mm
“E” Series
TYPE
TYPE
TYPE
TYPE
TYPE
TYPE
TYPE
TYPE
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
PB
RoHS
UL/CUL 1449
3RD EDITION,
FILE#E321567*
N/A
(1)
√
N/A
(1)
511K, 561K,
621K, 681K
NOT
APPROVED
N/A
(1)
√
N/A
(1)
√
N/A
(1)
√
N/A
(1)
√
N/A
(1)
√
N/A
(1)
√
UL1414**
(VALUES ≥201K)
FILE #E71602
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
CSA22 .1 #1
(VALUES ≥201K)
FILE #227006
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
√
CSA 22 .2 #1
FILE #241120
VDE
FILE #40012632
√
√
√
√
√
√
VDE
FILE #40012630
√
√
√
√
√
√
VDE
FILE #40028559
ANNEX Q
(2)
N/A
(1)
√
VDE
FILE #40028554
ANNEX Q
(2)
N/A
(1)
√
COMPLIES WITH
UL ACCELERATED
AGING TEST PU:
ANSI/IEEE C62 .11
FILE #E196885
COMPLIES WITH
UL ACCELERATED
AGING TEST PER:
ANSI/IEEE C62 .11
FILE #E321567
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)
N/A
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com