Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5D301K Datasheet(PDF) 22 Page - World Produts Inc.

Part # 5D301K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

5D301K Datasheet(HTML) 22 Page - World Produts Inc.

Back Button 5D301K Datasheet HTML 18Page - World Produts Inc. 5D301K Datasheet HTML 19Page - World Produts Inc. 5D301K Datasheet HTML 20Page - World Produts Inc. 5D301K Datasheet HTML 21Page - World Produts Inc. 5D301K Datasheet HTML 22Page - World Produts Inc. 5D301K Datasheet HTML 23Page - World Produts Inc. 5D301K Datasheet HTML 24Page - World Produts Inc. 5D301K Datasheet HTML 25Page - World Produts Inc. 5D301K Datasheet HTML 26Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
20 | Metal Oxide Varistors
D Series — Electrical Characteristics (5, 7, 10, 14, 20, 25 mm) (cont.)
Part
Number
Maximum
Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
2ms
Joules
10/1000µs
Joules
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ05D151KBS
95
127
3 .5
5 .5
400
135
165
250
5
180
VZ07D151KBS
7 .6
9 .7
1200
250
10
400
VZ10D151KBS
16
22
2500
250
25
1100
VZ14D151KBS
30
45
4500
250
50
2000
VZ20D151KBS
50
70
6500
250
100
3200
VZ05D181KBS
120
160
4 .2
8 .0
400
170
207
320
5
155
VZ07D181KBS
8 .8
12
1200
300
10
305
VZ10D181KBS
18 .5
27 .5
2500
300
25
700
VZ14D181KBS
33
53
4500
300
50
1400
VZ20D181KBS
60
85
10000
300
100
2500
VZ25D181KBS
90
180
18000
300
100
3900
VZ05D201KBS
130
175
5 .0
8 .5
400
184
224
340
5
140
VZ07D201KBS
10
13
1200
340
10
275
VZ10D201KBS
20
30
2500
300
25
640
VZ14D201KBS
38
60
4500
300
50
1370
VZ20D201KBS
70
95
10000
300
100
2200
VZ25D201KBS
—
200
20000
300
100
3600
VZ05D221KBS
140
180
6 .0
9 .0
400
198
242
360
5
125
VZ07D221KBS
11
14
1200
360
10
250
VZ10D221KBS
23
32
2500
360
25
600
VZ14D221KBS
40
60
4500
360
50
1150
VZ20D221KBS
75
100
10000
360
100
2000
VZ25D221KBS
—
225
20000
360
100
3300
VZ05D241KBS
150
200
6 .5
10
400
216
264
395
5
115
VZ07D241KBS
11
16
1200
395
10
230
VZ10D241KBS
25
35
2500
395
25
560
VZ14D241KBS
45
66
4500
395
50
1060
VZ20D241KBS
82
120
10000
395
100
1900
VZ25D241KBS
—
235
20000
395
100
3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com