Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5D331K Datasheet(PDF) 25 Page - World Produts Inc.

Part # 5D331K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

5D331K Datasheet(HTML) 25 Page - World Produts Inc.

Back Button 5D331K Datasheet HTML 21Page - World Produts Inc. 5D331K Datasheet HTML 22Page - World Produts Inc. 5D331K Datasheet HTML 23Page - World Produts Inc. 5D331K Datasheet HTML 24Page - World Produts Inc. 5D331K Datasheet HTML 25Page - World Produts Inc. 5D331K Datasheet HTML 26Page - World Produts Inc. 5D331K Datasheet HTML 27Page - World Produts Inc. 5D331K Datasheet HTML 28Page - World Produts Inc. 5D331K Datasheet HTML 29Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 23
D Series — Electrical Characteristics (5, 7, 10, 14, 20, 25 mm) (cont.)
Part
Number
Maximum
Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
2ms
Joules
10/1000µs
Joules
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ05D681KBS
420
560
21
30
400
612
748
1120
5
30
VZ07D681KBS
32
45
1200
1120
10
62
VZ10D681KBS
50
74
2500
1120
25
130
VZ14D681KBS
90
142
4500
1120
50
240
VZ20D681KBS
160
230
10000
1120
100
700
VZ25D681KBS
—
515
20000
1120
100
1100
VZ10D751KBS
460
615
51
75
2500
675
825
1240
25
120
VZ14D751KBS
100
143
4500
1240
50
210
VZ20D751KBS
175
255
10000
1240
100
640
VZ25D751KBS
—
530
20000
1240
100
1000
VZ10D781KBS
485
640
52
80
2500
702
858
1290
25
120
VZ14D781KBS
105
148
4500
1240
50
205
VZ20D781KBS
180
265
10000
1240
100
590
VZ25D781KBS
—
540
20000
1240
100
990
VZ10D821KBS
510
675
55
85
2500
738
902
1350
25
110
VZ14D821KBS
110
157
4500
1350
50
200
VZ20D821KBS
195
282
10000
1350
100
510
VZ25D821KBS
—
550
20000
1350
100
920
VZ10D911KBS
550
745
60
93
2500
819
1001
1400
25
90
VZ14D911KBS
120
175
4500
1400
50
175
VZ20D911KBS
215
310
10000
1400
100
430
VZ25D911KBS
—
600
20000
1400
100
860
VZ10D102KBS
625
825
68
102
2500
900
1100
1650
25
80
VZ14D102KBS
130
190
4500
1620
50
145
VZ20D102KBS
230
342
10000
1620
100
380
VZ25D102KBS
—
630
20000
1620
100
760
VZ10D112KBS
680
895
72
115
2500
957 .6 1170 .4
1815
25
70
VZ14D112KBS
140
215
4500
1800
50
140
VZ20D112KBS
250
383
10000
1800
100
340
VZ25D112KBS
—
700
20000
1800
100
690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com