Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F040-120FIB Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29F040-120FIB
Description  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-120FIB Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29F040-120FIB Datasheet HTML 9Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 10Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 11Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 12Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 13Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 14Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 15Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 16Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Am29F040
13
Low VCC Write Inhibit
To avoid initiation of a write cycle during VCC power-up
and power-down, the Am29F040 locks out write cycles
for VCC < VLKO (see DC Characteristics section for
voltages). When VCC < VLKO, the command register is
disabled, all internal program/erase circuits are
disabled, and the device resets to the read mode. The
Am29F040 ignores all writes until VCC > VLKO. The user
must ensure that the control pins are in the correct logic
state when VCC > VLKO to prevent unintentional writes.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE, CE or
WE will not initiate a write cycle.
Logical Inhibit
Writing is inhibited by holding any one of OE = VIL,
CE = VIH or WE = VIH. To initiate a write cycle CE and
WE must be a logical zero while OE is a logical one.
Power-Up Write Inhibit
Power-up of the device with WE = CE = VIL and
OE = VIH will not accept commands on the rising edge
of WE. The internal state machine is automatically
reset to the read mode on power-up.
Sector Protect
Sectors of the Am29F040 may be hardware protected
using programming equipment at the users factory. The
protection circuitry will disable both program and erase
functions for the protected sector(s). Requests to pro-
gram or erase a protected sector will be ignored by the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com