Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q80BVCIP Datasheet(PDF) 4 Page - Winbond

Part # W25Q80BVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80BVCIP Datasheet(HTML) 4 Page - Winbond

  W25Q80BVCIP Datasheet HTML 1Page - Winbond W25Q80BVCIP Datasheet HTML 2Page - Winbond W25Q80BVCIP Datasheet HTML 3Page - Winbond W25Q80BVCIP Datasheet HTML 4Page - Winbond W25Q80BVCIP Datasheet HTML 5Page - Winbond W25Q80BVCIP Datasheet HTML 6Page - Winbond W25Q80BVCIP Datasheet HTML 7Page - Winbond W25Q80BVCIP Datasheet HTML 8Page - Winbond W25Q80BVCIP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
W25Q128BV
- 4 -
7.2.39
Read Security Registers (48h) ...........................................................................................59
8.
ELECTRICAL CHARACTERISTICS .............................................................................................. 60
8.1
Absolute Maximum Ratings (1)(2)...................................................................................... 60
8.2
Operating Ranges .............................................................................................................. 60
8.3
Power-up Timing and Write Inhibit Threshold(1) ............................................................... 61
8.4
DC Electrical Characteristics.............................................................................................. 62
8.5
AC Measurement Conditions ............................................................................................. 63
8.6
AC Electrical Characteristics .............................................................................................. 64
8.7
AC Electrical Characteristics (cont’d)................................................................................. 65
8.8
Serial Output Timing........................................................................................................... 66
8.9
Serial Input Timing.............................................................................................................. 66
8.10
HOLD Timing...................................................................................................................... 66
8.11
WP Timing .......................................................................................................................... 66
9.
PACKAGE SPECIFICATION.......................................................................................................... 67
9.1
8-Pad WSON 8x6-mm (Package Code E) ......................................................................... 67
9.2
16-Pin SOIC 300-mil (Package Code F) ............................................................................ 68
9.3
24-Ball TFBGA 8x6-mm (Package Code B, 5x5-1 Ball Array)........................................... 69
9.4
24-Ball TFBGA 8x6-mm (Package Code C, 6x4 Ball Array).............................................. 70
10.
ORDERING INFORMATION .......................................................................................................... 71
10.1
Valid Part Numbers and Top Side Marking........................................................................ 72
11.
REVISION HISTORY...................................................................................................................... 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com