Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2219A Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N2219A
Description  HIGH SPEED SWITCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2219A Datasheet(HTML) 3 Page - STMicroelectronics

  2N2219A Datasheet HTML 1Page - STMicroelectronics 2N2219A Datasheet HTML 2Page - STMicroelectronics 2N2219A Datasheet HTML 3Page - STMicroelectronics 2N2219A Datasheet HTML 4Page - STMicroelectronics 2N2219A Datasheet HTML 5Page - STMicroelectronics 2N2219A Datasheet HTML 6Page - STMicroelectronics 2N2219A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
NF
Noise Figure
IC = 0.1 mA
VCE = 10 V
f = 1KHz
Rg = 1K
Ω
4dB
hie
Input Impedance
IC = 1 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
2
0.25
8
1.25
k
Ω
k
Ω
hre
Reverse Voltage Ratio
IC = 1 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
8
4
10
-4
10
-4
hoe
Output Admittance
IC = 1 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
5
25
35
200
µS
µS
td
∗∗
Delay Time
VCC = 30 V
IC = 150 mA
IB1 = 15 mA
VBB = -0.5 V
10
ns
tr
∗∗
Rise Time
VCC = 30 V
IC = 150 mA
IB1 = 15 mA
VBB = -0.5 V
25
ns
ts
∗∗
Storage Time
VCC = 30 V
IC = 150 mA
IB1 = -IB2 = 15 mA
225
ns
tf
∗∗
Fall Time
VCC = 30 V
IC = 150 mA
IB1 = -IB2 = 15 mA
60
ns
rbb’ Cb’c
Feedback Time
Constant
IC = 20 mA
VCE = 20 V
f = 31.8MHz
150
ps
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1 %
∗∗ See test circuit
2N2219A / 2N2222A
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com