Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STL1525 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2STL1525
Description  Low voltage high performance NPN power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STL1525 Datasheet(HTML) 3 Page - STMicroelectronics

  2STL1525 Datasheet HTML 1Page - STMicroelectronics 2STL1525 Datasheet HTML 2Page - STMicroelectronics 2STL1525 Datasheet HTML 3Page - STMicroelectronics 2STL1525 Datasheet HTML 4Page - STMicroelectronics 2STL1525 Datasheet HTML 5Page - STMicroelectronics 2STL1525 Datasheet HTML 6Page - STMicroelectronics 2STL1525 Datasheet HTML 7Page - STMicroelectronics 2STL1525 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2STL1525
Electrical characteristics
Doc ID 16054 Rev 2
3/8
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 50 V
0.1
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 4 V
0.1
µA
V(BR)CEX
Collector-emitter
breakdown voltage
(VBE = -1.5 V)
IC = 1 mA
95
V
V(BR)CEO
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2%
Collector-emitter
breakdown voltage
(IB = 0)
IC = 10 mA
25
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = 100 µA
5
V
hFE
(1)
DC current gain
IC = 0.5 A
VCE = 2 V
IC = 3 A
VCE = 2 V
IC = 5 A
VCE = 5 V
150
100
150
500
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 3 A
IB = 300 mA
IC = 3.5 A
IB = 40 mA
220
500
mV
mV
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 3 A
IB = 300 mA
1.2
V
CCBO
Collector-base
capacitance (IE = 0)
VCB = 10 V, f = 1 MHz
20
pF
fT
Transition frequency
VCE = 10 V IC = 50 mA
120
MHz
ton
toff
Resistive load
Turn-on time
Turn-off time
IC = 1.5 A
VCC = 10 V
IB1 = -IB2 = 150 mA
60
450
ns
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com