Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SWFILM Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAT54SWFILM
Description  Small signal Schottky diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54SWFILM Datasheet(HTML) 1 Page - STMicroelectronics

  BAT54SWFILM Datasheet HTML 1Page - STMicroelectronics BAT54SWFILM Datasheet HTML 2Page - STMicroelectronics BAT54SWFILM Datasheet HTML 3Page - STMicroelectronics BAT54SWFILM Datasheet HTML 4Page - STMicroelectronics BAT54SWFILM Datasheet HTML 5Page - STMicroelectronics BAT54SWFILM Datasheet HTML 6Page - STMicroelectronics BAT54SWFILM Datasheet HTML 7Page - STMicroelectronics BAT54SWFILM Datasheet HTML 8Page - STMicroelectronics BAT54SWFILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2009
Doc ID 5505 Rev 10
1/13
13
BAT54
Small signal Schottky diodes
Features
Low conduction and reverse losses
Negligible switching losses
Low forward and reverse recovery times
Extremely fast switching
Surface mount device
Low capacitance diode
Description
The BAT54 series uses 40 V Schottky barrier
diodes packaged in SOD- 23, SOD-323,
SOD-523, SOT-23, SOT-323, or SOT-666.
Table 1.
Device summary
Symbol
Value
IF
300 mA
VRRM
40 V
C (typ)
7 pF
Tj (max)
150 °C
SOD-323
SOD-123
SOD-523
SOT-23
SOT-666
BAT54JFILM
(Single)
BAT54JFILM-H
BAT54ZFILM
(Single)
BAT54KFILM
(Single)
BAT54FILM
(Single)
BAT54SFILM
(Series)
BAT54CFILM
(Common cathode)
BAT54WFILM
(Single)
BAT54CWFILM
(Common cathode)
BAT54AWFILM
(Common anode)
BAT54SWFILM
(Series)
BAT54-07P6FILM
(2 parallel diodes)
BAT54-09P6FILM
(2 opposite diodes)
BAT54AFILM
(Common anode)
SOT-323
Configurations in top view
www.st.com


Similar Part No. - BAT54SWFILM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT54SWFILM STMICROELECTRONICS-BAT54SWFILM Datasheet
163Kb / 13P
Small signal Schottky diodes
24-Jul-2006
BAT54SWFILM STMICROELECTRONICS-BAT54SWFILM Datasheet
254Kb / 15P
Small signal Schottky diodes
28-Jun-2016
BAT54SWFILMY STMICROELECTRONICS-BAT54SWFILMY Datasheet
386Kb / 11P
Automotive small signal Schottky diodes
05-Oct-2017
More results

Similar Description - BAT54SWFILM

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com