Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T12XX Datasheet(PDF) 9 Page - STMicroelectronics

Part # T12XX
Description  Medium current triac
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T12XX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button T12XX Datasheet HTML 4Page - STMicroelectronics T12XX Datasheet HTML 5Page - STMicroelectronics T12XX Datasheet HTML 6Page - STMicroelectronics T12XX Datasheet HTML 7Page - STMicroelectronics T12XX Datasheet HTML 8Page - STMicroelectronics T12XX Datasheet HTML 9Page - STMicroelectronics T12XX Datasheet HTML 10Page - STMicroelectronics T12XX Datasheet HTML 11Page - STMicroelectronics T12XX Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BTA12, BTB12, T12xx
Packaging information
9/12
Table 9.
I2PAK dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.169
0.181
A1
2.49
2.69
0.098
0.106
b
0.70
0.93
0.028
0.037
b1
1.20
1.38
0.047
0.054
b2
1.25
1.40
0.049 0.055
c
0.45
0.60
0.018
0.024
c2
1.21
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
e
2.44
2.64
0.096
0.104
E
10.00
10.28 0.394
0.405
L
13.10
13.60 0.516
0.535
L1
3.75
0.148
L2
1.27
1.40
0.050
0.055
V5°
5°
V4
45°
45°
E
L2
L1
b1
b2
D
A1
c
c2
V
V
V4
A
b
e
V4
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com