Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SP6FILM Datasheet(PDF) 6 Page - STMicroelectronics

Part # BAT54SP6FILM
Description  Small signal Schottky diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54SP6FILM Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BAT54SP6FILM Datasheet HTML 2Page - STMicroelectronics BAT54SP6FILM Datasheet HTML 3Page - STMicroelectronics BAT54SP6FILM Datasheet HTML 4Page - STMicroelectronics BAT54SP6FILM Datasheet HTML 5Page - STMicroelectronics BAT54SP6FILM Datasheet HTML 6Page - STMicroelectronics BAT54SP6FILM Datasheet HTML 7Page - STMicroelectronics BAT54SP6FILM Datasheet HTML 8Page - STMicroelectronics BAT54SP6FILM Datasheet HTML 9Page - STMicroelectronics BAT54SP6FILM Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Package information
BAT54
6/13
Doc ID 5505 Rev 10
3
Package information
●
Epoxy meets UL94, V0
●
Lead-free packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 13.
SOD-123 footprint (dimensions in mm)
Table 6.
SOD-123 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.45
0.057
A1
0
0.1
0
0.004
A2
0.85
1.35
0.033
0.053
b
0.55 Typ.
0.022 Typ.
c
0.15 Typ.
0.039 Typ.
D
2.55
2.85
0.1
0.112
E
1.4
1.7
0.055
0.067
G0.25
0.01
H
3.55
3.95
0.14
0.156
H
b
D
E
A1
A2
A
G
c
4.45
0.65
2.51
0.97
0.97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com