Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR2EE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCR2EE
Description  200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCR2EE Datasheet HTML 1Page - Toshiba Semiconductor TCR2EE Datasheet HTML 2Page - Toshiba Semiconductor TCR2EE Datasheet HTML 3Page - Toshiba Semiconductor TCR2EE Datasheet HTML 4Page - Toshiba Semiconductor TCR2EE Datasheet HTML 5Page - Toshiba Semiconductor TCR2EE Datasheet HTML 6Page - Toshiba Semiconductor TCR2EE Datasheet HTML 7Page - Toshiba Semiconductor TCR2EE Datasheet HTML 8Page - Toshiba Semiconductor TCR2EE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TCR2EF series, TCR2EE series
2012-12-11
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCR2EF series
TCR2EE series
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
The TCR2EF and TCR2EF series are CMOS single-output voltage
regulators with an on/off control input, featuring low dropout voltage,
low output noise voltage and fast load transient response.
These voltage regulators are available in fixed output voltages
between 1.0 V and 5.0 V and capable of driving up to 200 mA. They
feature overcurrent protection, an Auto-discharge function.
The TCR2EF and TCR2EE series has a low dropout voltage of
180 mV ( 2.5 V output, IOUT = 150 mA) with low output noise voltage
of 35
μVrms (2.5 V output) and a load transient response of only ⊿
VOUT = ±60 mV ( IOUT = 1 mA⇔150 mA, COUT =1.0 μF).
Thus, the TCR2EF and TCR2EE series are suitable for sensitive
power supply such as Analog and RF applications.
Features
•
Low Drop-Out voltage
VIN-VOUT = 150 mV (typ.) at 3.0 V-output, IOUT = 150 mA
VIN-VOUT = 180 mV (typ.) at 2.5 V-output, IOUT = 150 mA
VIN-VOUT = 230 mV (typ.) at 1.8 V-output, IOUT = 150 mA
VIN-VOUT = 380 mV (typ.) at 1.2 V-output, IOUT = 150 mA
VIN-VOUT = 510 mV (typ.) at 1.0 V-output, IOUT = 150 mA
•
Low output noise voltage ( VNO = 35 μVrms (typ.) at 2.5 V-output, IOUT = 10 mA, 10 Hz < f < 100 kHz )
•
Fast load transient response (⊿VOUT = ±60 mV (typ.) at IOUT = 1 mA ⇔ 150 mA, COUT =1.0 μF )
•
Low quiescent bias current ( IB = 35 μA (typ.) at IOUT = 0 mA )
•
High ripple rejection ( R.R = 73 dB (typ.) at 2.5V-output, IOUT = 10 mA, f =1kHz )
•
Wide range Output Voltage line up ( VOUT = 1.0 to 5.0 V )
•
High VOUT accuracy ±1.0% ( 1.8V <= VOUT )
•
Overcurrent protection
•
Auto-discharge
•
Pull down connection between CONTROL and GND
•
Ceramic capacitors can be used ( CIN = 0.1μF, COUT =1.0 μF )
•
Small package ESV(SOT-553) (1.6 mm x 1.6 mm x 0.55 mm )
General package SMV(SOT-25) (2.8 mm x 2.9 mm x 1.1 mm )
Weight :
SMV (SOT-25)(SC-74A) : 16 mg ( typ.)
ESV (SOT-553)
: 3.0 mg ( typ.)
SMV
ESV


Similar Part No. - TCR2EE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EE TOSHIBA-TCR2EE Datasheet
1Mb / 17P
200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE10 TOSHIBA-TCR2EE10 Datasheet
1Mb / 17P
200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE105 TOSHIBA-TCR2EE105 Datasheet
1Mb / 17P
200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE11 TOSHIBA-TCR2EE11 Datasheet
1Mb / 17P
200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE115 TOSHIBA-TCR2EE115 Datasheet
1Mb / 17P
200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
More results

Similar Description - TCR2EE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EN10 TOSHIBA-TCR2EN10 Datasheet
1Mb / 15P
200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
200 mA CMOS Low Drop-Out Regulator with Auto-discharge
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
logo
Texas Instruments
TPS7A03 TI1-TPS7A03_V01 Datasheet
285Kb / 22P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V06 Datasheet
2Mb / 43P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V07 Datasheet
2Mb / 44P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V08 Datasheet
3Mb / 45P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V09 Datasheet
3Mb / 45P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
TPS7A03 TI-TPS7A03_V10 Datasheet
3Mb / 47P
TPS7A03 Nanopower IQ, 200-nA, 200-mA, Low-Dropout Voltage Regulator With Fast Transient Response
APRIL 2020
logo
Toshiba Semiconductor
TCR2EF TOSHIBA-TCR2EF Datasheet
1Mb / 17P
200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com