Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F040-120JEB Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29F040-120JEB
Description  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-120JEB Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29F040-120JEB Datasheet HTML 1Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 2Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 3Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 4Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 5Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 6Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 7Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 8Page - Advanced Micro Devices AM29F040-120JEB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Am29F040
5
PIN CONFIGURATION
A0–A18
= Address Inputs
DQ0–DQ7 = Data Input/Output
CE
= Chip Enable
OE
= Output Enable
WE
= Write Enable
VSS
= Device Ground
VCC
= Device Power Supply
(5.0 V
±10% or ±5%)
LOGIC SYMBOL
19
8
DQ0–DQ7
A0–A18
CE (E)
OE (G)
WE (W)
17113E-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com