Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD00161566 Datasheet(PDF) 65 Page - STMicroelectronics

Part # CD00161566
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00161566 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button CD00161566 Datasheet HTML 61Page - STMicroelectronics CD00161566 Datasheet HTML 62Page - STMicroelectronics CD00161566 Datasheet HTML 63Page - STMicroelectronics CD00161566 Datasheet HTML 64Page - STMicroelectronics CD00161566 Datasheet HTML 65Page - STMicroelectronics CD00161566 Datasheet HTML 66Page - STMicroelectronics CD00161566 Datasheet HTML 67Page - STMicroelectronics CD00161566 Datasheet HTML 68Page - STMicroelectronics CD00161566 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 105 page
background image
DocID13587 Rev 16
65/105
STM32F103x8, STM32F103xB
Electrical characteristics
104
Figure 28. 5 V tolerant I/O input characteristics - CMOS port
Figure 29. 5 V tolerant I/O input characteristics - TTL port
VDD
1.3
2
3.6
CMOS
standard
requirements
VIH=0.65V
DD
CMOS standard
requirment
V IL =0.35VDD
1.67
1
2.7
0.7
33.3
1
0.75
1.295
0.975
1.42
1.07
1.55
1.16
VIH/VIL (V)
VDD (V)
ai17279c
VIH=0.42(VDD
-2)+1
VIL=0.32(VDD
-2)+0.75
Based on design
simulations
Based on design
simulations
Tested
in production
Tested in production
Area not
determined
2.0
0.8
2
3.6
2.16
1.67
1
0.75
TTL requirement VIH=2V
TTL requirements VIL=0.8V
VIH/VIL (V)
VDD (V)
ILmax
IHmin
ai17280b
VIH=0.42*(V
DD
-2)+1
VIL=0.32*(VDD
-2)+0.75
Based on
design simulations
Based on
design simulations
Area not
determined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com