Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32F103C8
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32F103C8 Datasheet HTML 97Page - STMicroelectronics STM32F103C8 Datasheet HTML 98Page - STMicroelectronics STM32F103C8 Datasheet HTML 99Page - STMicroelectronics STM32F103C8 Datasheet HTML 100Page - STMicroelectronics STM32F103C8 Datasheet HTML 101Page - STMicroelectronics STM32F103C8 Datasheet HTML 102Page - STMicroelectronics STM32F103C8 Datasheet HTML 103Page - STMicroelectronics STM32F103C8 Datasheet HTML 104Page - STMicroelectronics STM32F103C8 Datasheet HTML 105Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 104 / 105 page
background image
Revision history
STM32F103x8, STM32F103xB
104/105
DocID13587 Rev 16
14-May-2013
15
Replaced VQFN48 package with UQFN48 in cover page packages,
Table 2: STM32F103xx medium-density device features and peripheral
counts, Figure 9: STM32F103xx performance line UFQFPN48 pinout,
Table 2: STM32F103xx medium-density device features and peripheral
counts, Table 55: UFBGA100 - ultra fine pitch ball grid array, 7 x 7 mm,
0.50 mm pitch, package mechanical data, Table 60: Ordering
information scheme and updated Table 59: Package thermal
characteristics
Added footnote for TFBGA ADC channels in Table 2: STM32F103xx
medium-density device features and peripheral counts
Updated ‘All GPIOs are high current...’ in Section 2.3.21: GPIOs
(general-purpose inputs/outputs)
Updated Table 5: Medium-density STM32F103xx pin definitions
Corrected Sigma letter in Section 5.1.1: Minimum and maximum values
Removed the first sentence in Section 5.3.16: Communications
interfaces
Added ‘VIN’ in Table 9: General operating conditions
Updated first sentence in Output driving current
Added note 5. in Table 24: HSI oscillator characteristics
Updated ‘VIL’ and ‘VIH’ in Table 35: I/O static characteristics
Added notes to Figure 26: Standard I/O input characteristics - CMOS
port, Figure 27: Standard I/O input characteristics - TTL port, Figure 28:
5 V tolerant I/O input characteristics - CMOS port and Figure 29: 5 V
tolerant I/O input characteristics - TTL port
Updated Figure 32: I2C bus AC waveforms and measurement circuit
Updated note 2. and 3.,removed note “the device must internally...” in
Table 40: I2C characteristics
Updated title of Table 41: SCL frequency (fPCLK1= 36 MHz.,VDD_I2C =
3.3 V)
Updated note 2. in Table 49: ADC accuracy
Updated Figure 49: UFBGA100 - ultra fine pitch ball grid array, 7 x 7
mm, 0.50 mm pitch, package outline and Table 55: UFBGA100 - ultra
fine pitch ball grid array, 7 x 7 mm, 0.50 mm pitch, package mechanical
data
Updated Figure 45: LFBGA100 - 10 x 10 mm low profile fine pitch ball
grid array package outline and Table 53: LFBGA100 - 10 x 10 mm low
profile fine pitch ball grid array package mechanical data
Updated Figure 52: TFBGA64 - 8 x 8 active ball array, 5 x 5 mm, 0.5 mm
pitch, package outline and Table 57: TFBGA64 - 8 x 8 active ball array, 5
x 5 mm, 0.5 mm pitch, package mechanical data
05-Aug-2013
16
Updated the reference for ‘VESD(CDM)’ in Table 32: ESD absolute
maximum ratings
Corrected ‘tf(IO)out’ in Figure 30: I/O AC characteristics definition
Updated Table 52: UFQFPN48 7 x 7 mm, 0.5 mm pitch, package
mechanical data
Table 61. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com