Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C8 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32F103C8
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32F103C8 Datasheet HTML 96Page - STMicroelectronics STM32F103C8 Datasheet HTML 97Page - STMicroelectronics STM32F103C8 Datasheet HTML 98Page - STMicroelectronics STM32F103C8 Datasheet HTML 99Page - STMicroelectronics STM32F103C8 Datasheet HTML 100Page - STMicroelectronics STM32F103C8 Datasheet HTML 101Page - STMicroelectronics STM32F103C8 Datasheet HTML 102Page - STMicroelectronics STM32F103C8 Datasheet HTML 103Page - STMicroelectronics STM32F103C8 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 105 page
background image
Revision history
STM32F103x8, STM32F103xB
100/105
DocID13587 Rev 16
14-Mar-2008
5
Figure 2: Clock tree on page 12 added.
Maximum TJ value given in Table 8: Thermal characteristics on page 38.
CRC feature added (see CRC (cyclic redundancy check) calculation unit
on page 9 and Figure 11: Memory map on page 34 for address).
IDD modified in Table 16: Typical and maximum current consumptions in
Stop and Standby modes.
ACCHSI modified in Table 24: HSI oscillator characteristics on page 55,
note 2 removed.
PD, TA and TJ added, tprog values modified and tprog description clarified
in Table 28: Flash memory characteristics on page 57.
tRET modified in Table 29: Flash memory endurance and data retention.
VNF(NRST) unit corrected in Table 38: NRST pin characteristics on
page 68.
Table 42: SPI characteristics on page 72 modified.
IVREF added to Table 46: ADC characteristics on page 76.
Table 48: ADC accuracy - limited test conditions added. Table 49: ADC
accuracy modified.
LQFP100 package specifications updated (see Section 6: Package
characteristics on page 81).
Recommended LQFP100, LQFP 64, LQFP48 and VFQFPN36 footprints
added (see Figure 48, Figure 51, Figure 55 and Figure 42).
Section 6.2: Thermal characteristics on page 93 modified, Section 6.2.1
and Section 6.2.2 added.
Appendix A: Important notes on page 81 removed.
21-Mar-2008
6
Small text changes. Figure 11: Memory map clarified.
In Table 29: Flash memory endurance and data retention:
–NEND tested over the whole temperature range
– cycling conditions specified for tRET
–tRET min modified at TA = 55 °C
V25, Avg_Slope and TL modified in Table 50: TS characteristics.
CRC feature removed.
22-May-2008
7
CRC feature added back. Small text changes. Section 1: Introduction
modified. Section 2.2: Full compatibility throughout the family added.
IDD at TA max = 105 °C added to Table 16: Typical and maximum current
consumptions in Stop and Standby modes on page 45.
IDD_VBAT removed from Table 21: Typical current consumption in
Standby mode on page 47.
Values added to Table 41: SCL frequency (fPCLK1= 36 MHz.,VDD_I2C
= 3.3 V) on page 71.
Figure 33: SPI timing diagram - slave mode and CPHA = 0 on page 73
modified. Equation 1 corrected.
tRET at TA = 105 °C modified in Table 29: Flash memory endurance and
data retention on page 58.
VUSB added to Table 44: USB DC electrical characteristics on page 75.
Figure 56: LQFP100 PD max vs. TA on page 95 modified.
Axx option added to Table 60: Ordering information scheme on page 96.
Table 61. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com