Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD00237391 Datasheet(PDF) 72 Page - STMicroelectronics

Part # CD00237391
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00237391 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button CD00237391 Datasheet HTML 68Page - STMicroelectronics CD00237391 Datasheet HTML 69Page - STMicroelectronics CD00237391 Datasheet HTML 70Page - STMicroelectronics CD00237391 Datasheet HTML 71Page - STMicroelectronics CD00237391 Datasheet HTML 72Page - STMicroelectronics CD00237391 Datasheet HTML 73Page - STMicroelectronics CD00237391 Datasheet HTML 74Page - STMicroelectronics CD00237391 Datasheet HTML 75Page - STMicroelectronics CD00237391 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 177 page
background image
Electrical characteristics
STM32F20xxx
72/177
Doc ID 15818 Rev 9
Figure 21.
Typical current consumption vs temperature, Run mode, code with data
processing running from RAM, and peripherals ON
Figure 22.
Typical current consumption vs temperature, Run mode, code with data
processing running from RAM, and peripherals OFF
MS19014V1
0
10
20
30
40
50
60
0
20406080
100
120
CPU frequnecy (MHz)
105°C
85°C
70°C
55°C
30°C
0°C
-45°C
MS19015V1
0
5
10
15
20
25
30
0
20
40
60
80
100
120
CPU Frequency (MHz)
105°C
85°C
70°C
55°C
30°C
0°C
-45°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com