Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD00237391 Datasheet(PDF) 146 Page - STMicroelectronics

Part # CD00237391
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00237391 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button CD00237391 Datasheet HTML 142Page - STMicroelectronics CD00237391 Datasheet HTML 143Page - STMicroelectronics CD00237391 Datasheet HTML 144Page - STMicroelectronics CD00237391 Datasheet HTML 145Page - STMicroelectronics CD00237391 Datasheet HTML 146Page - STMicroelectronics CD00237391 Datasheet HTML 147Page - STMicroelectronics CD00237391 Datasheet HTML 148Page - STMicroelectronics CD00237391 Datasheet HTML 149Page - STMicroelectronics CD00237391 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 177 page
background image
Package characteristics
STM32F20xxx
146/177
Doc ID 15818 Rev 9
Figure 76.
WLCSP64+2 - 0.400 mm pitch wafer level chip size package outline
1.
Drawing is not to scale.
Bump side
Side view
Detail A
Wafer back side
A1 ball location
A1
Detail A
rotated by 90 °C
eee
D
A0FX_ME
Seating plane
A2
A
b
E
e
e1
e
G
F
e1
Table 86.
WLCSP64+2 - 0.400 mm pitch wafer level chip size package mechanical data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
0.520
0.570
0.600
0.0205
0.0224
0.0236
A1
0.170
0.190
0.210
0.0067
0.0075
0.0083
A2
0.350
0.380
0.410
0.0138
0.0150
0.0161
b
0.245
0.270
0.295
0.0096
0.0106
0.0116
D
3.619
3.639
3.659
0.1425
0.1433
0.1441
E
3.951
3.971
3.991
0.1556
0.1563
0.1571
e
0.400
0.0157
e1
3.218
0.1267
F
0.220
0.0087
G
0.386
0.0152
eee
0.050
0.0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com